Electronic Components Datasheet Search
  English  ▼

X  

ADCMP564 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP564
Description  Dual, High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP564 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP564_15 Datasheet HTML 1Page - Analog Devices ADCMP564_15 Datasheet HTML 2Page - Analog Devices ADCMP564_15 Datasheet HTML 3Page - Analog Devices ADCMP564_15 Datasheet HTML 4Page - Analog Devices ADCMP564_15 Datasheet HTML 5Page - Analog Devices ADCMP564_15 Datasheet HTML 6Page - Analog Devices ADCMP564_15 Datasheet HTML 7Page - Analog Devices ADCMP564_15 Datasheet HTML 8Page - Analog Devices ADCMP564_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP563/ADCMP564
Rev. C | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE (Continued)
Equivalent Input Rise Time Bandwidth1
BWEQ
0 V to 1 V swing, 2 V/ns
1500
MHz
Maximum Toggle Rate
>50% output swing, 50% duty cycle
800
MHz
Minimum Pulse Width
PWMIN
ΔtPD < 25 ps
700
ps
RMS Random Jitter
VOD = 400 mV, 1.3 V/ns, 312 MHz,
50% duty cycle
1.0
ps
Unit to Unit Propagation Delay Skew
100
ps
POWER SUPPLY
Positive Supply Current
IVCC
@ +5.0 V
2
3.2
5
mA
Negative Supply Current
IVEE
@ −5.2 V
10
19
25
mA
Positive Supply Voltage
VCC
Dual
4.75
5.0
5.25
V
Negative Supply Voltage
VEE
Dual
−4.96
−5.2
−5.45
V
Power Dissipation
PD
Dual, without load
90
120
150
mW
Dual, with load
150
180
230
mW
DC Power Supply Rejection Ratio—VCC
PSRRVCC
85
dB
DC Power Supply Rejection Ratio—VEE
PSRRVEE
85
dB
HYSTERESIS (ADCMP564 Only)
Hysteresis
RHYS = 23.5 kΩ
20
mV
RHYS = 9.0 kΩ
70
mV
Hysteresis Pin Bias Voltage
Referred to AGND
−1
V
Hysteresis Pin Series Resistance
3
kΩ
1 Equivalent input rise time bandwidth assumes a first-order input response and is calculated by the following formula: BWEQ = 0.22/√(trCOMP2 – trIN2), where trIN is the
20/80 input transition time applied to the comparator and trCOMP is the effective transition time, as digitized by the comparator input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com