Electronic Components Datasheet Search
  English  ▼

X  

ADCMP572 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP572
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP572 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP572_15 Datasheet HTML 1Page - Analog Devices ADCMP572_15 Datasheet HTML 2Page - Analog Devices ADCMP572_15 Datasheet HTML 3Page - Analog Devices ADCMP572_15 Datasheet HTML 4Page - Analog Devices ADCMP572_15 Datasheet HTML 5Page - Analog Devices ADCMP572_15 Datasheet HTML 6Page - Analog Devices ADCMP572_15 Datasheet HTML 7Page - Analog Devices ADCMP572_15 Datasheet HTML 8Page - Analog Devices ADCMP572_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP572/ADCMP573
Rev. A | Page 3 of 16
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 3.3 V, TA = −40°C to +125°C, typical at TA = +25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Input Voltage Range
VP, VN
VCCI = 3.3 V, VCCO = 3.3 V
−0.2
+1.2
V
VCCI = 5.2 V, VCCO = 3.3 V
−0.2
+3.1
V
Input Differential Voltage
−1.2
+1.2
V
Input Offset Voltage
VOS
−5.0
±2.0
+5.0
mV
Offset Voltage Tempco
∆VOS/dT
10.0
μV/°C
Input Bias Current
IP, IN
Open termination
−50.0
−25.0
0.0
μA
Input Bias Current Tempco
50.0
nA/°C
Input Offset Current
±2.0
μA
Input Impedance
50
Ω
Input Resistance, Differential
Open termination
50
Input Resistance, Common-Mode
Open termination
500
Active Gain
AV
54
dB
Common-Mode Rejection
CMRR
VCCI = 3.3 V, VCCO = 3.3 V,
VCM = 0.0 V to 1.0 V
65
dB
VCCI = 5.2 V, VCCO = 3.3 V,
VCM = 0.0 V to 3.0 V
65
dB
Power Supply Rejection—VCCI
PSRVCCI
VCCI = 3.3 V ± 5%, VCCO = 3.3 V
74
dB
Hysteresis
RHYS =
±1
mV
LATCH ENABLE CHARACTERISTICS
ADCMP572
Latch Enable Input Range
2.8
VCCO + 0.2
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
15
ps
Latch Hold Time
tH
VOD = 100 mV
5
ps
ADCMP573
Latch Enable Input Range
1.8
VCCO − 0.6
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
90
ps
Latch Hold Time
tH
VOD = 100 mV
100
ps
Latch Enable Input Impedance
50.0
Ω
Latch to Output Delay
tPLOH, tPLOL
VOD = 100 mV
150
ps
Latch Minimum Pulse Width
tPL
VOD = 100 mV
100
ps
DC OUTPUT CHARACTERISTICS
ADCMP572 (CML)
Output Impedance
ZOUT
−8 mA < IOUT < 8 mA
50.0
Ω
Output Voltage High Level
VOH
50 Ω terminate to VCCO
VCCO − 0.10
VCCO − 0.05
VCCO
V
Output Voltage Low Level
VOL
50 Ω terminate to VCCO
VCCO − 0.60
VCCO − 0.45
VCCO − 0.30
V
Output Voltage Differential
50 Ω terminate to VCCO
300
375
450
mV
ADCMP573 (RSPECL)
Output Voltage High −40°C
VOH
50 Ω terminate to VCCO − 2.0
VCCO − 1.14
VCCO − 1.02
VCCO − 0.90
V
Output Voltage High +25°C
VOH
50 Ω terminate to VCCO − 2.0
VCCO − 1.10
VCCO − 0.98
VCCO − 0.86
V
Output Voltage High +125°C
VOH
50 Ω terminate to VCCO − 2.0
VCCO − 1.04
VCCO − 0.92
VCCO − 0.80
V
Output Voltage Low −40°C
VOL
50 Ω terminate to VCCO − 2.0
VCCO − 1.54
VCCO − 1.39
VCCO − 1.24
V
Output Voltage Low +25°C
VOL
50 Ω terminate to VCCO − 2.0
VCCO − 1.50
VCCO − 1.35
VCCO − 1.20
V
Output Voltage Low +125°C
VOL
50 Ω terminate to VCCO − 2.0
VCCO − 1.44
VCCO − 1.29
VCCO − 1.14
V
Output Voltage Differential
50 Ω terminate to VCCO − 2.0
300
375
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com