Electronic Components Datasheet Search
  English  ▼

X  

IRF7805Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF7805Z
Description  N-Channel Enhancement MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF7805Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF7805Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF7805Z Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
■
Electrical Characteristics Ta = 25℃
N-Channel Enhancement MOSFET
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
30
V
VDS=24V, VGS=0V
1
VDS=24V, VGS=0V, TJ=125℃
150
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
1.35
2.25
V
VGS=10V, ID=16A
5.5
6.8
VGS=4.5V, ID=13A
7.0
8.7
Forward Transconductance
gFS
VDS=15V, ID=12A
64
S
Input Capacitance
Ciss
2080
Output Capacitance
Coss
480
Reverse Transfer Capacitance
Crss
220
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.0
2.1
Ω
Total Gate Charge
Qg
18
27
Gate Source Charge
Qgs1
4.7
Gate Source Charge
Qgs2
1.6
Gate Drain Charge
Qgd
6.2
Gate Charge Overdrive
Qgodr
5.5
Switch Charge(Qgd+Qgs2)
QSW
7.8
Output Charge
QOSS
VGS=0V, VDS=16V
10
Turn-On DelayTime
td(on)
11
Turn-On Rise Time
tr
10
Turn-Off DelayTime
td(off)
14
Turn-Off Fall Time
tf
3.7
Body Diode Reverse Recovery Time
trr
29
44
Body Diode Reverse Recovery Charge
Qrr
20
30
nC
Maximum Body-Diode Continuous Current
IS
3.1
A
Pulsed Source Gurrent
ISM
120
Diode Forward Voltage
VSD
IS=12A,VGS=0V
1
V
Zero Gate Voltage Drain Current
IDSS
μ
A
mΩ
RDS(On)
Static Drain-Source On-Resistance
pF
nC
VGS=4.5V, VDS=15V, ID=12A
ns
VGS=4.5V, VDS=15V,ID=12A
IF= 12A, dI/dt= 100A/μs,VDD=15V
VGS=0V, VDS=15V, f=1MHz
IRF7805Z (KRF7805Z)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com