Electronic Components Datasheet Search
  English  ▼

X  

SMK0460FG Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SMK0460FG
Description  Advanced N-Ch Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0460FG Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK0460FG Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0460FG Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. date: 23-JUN-14
KSD-T0O151-000
www.auk.co.kr
2 of 8
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Thermal resistance, junction to case
Rth(j-c)
Max. 4.16
C/W
Thermal resistance, junction to ambient
Rth(j-a)
Max. 62.5
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
600
-
-
V
Gate threshold voltage
VGS(th)
VDS=10V, ID=250uA
2
-
4
V
Drain-source cut-off current
IDSS
VDS=600V, VGS=0V
-
-
1
uA
VDS=600V, Tc=150C
-
-
100
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=2A
-
2.1
2.5
Forward transfer conductance (Note 3)
gfs
VDS=10V, ID=2A
-
4
-
S
Input capacitance
Ciss
VDS=25V, VGS=0V,
f=1MHz
-
670
848
pF
Output capacitance
Coss
-
57
71
Reverse transfer capacitance
Crss
-
9.8
12.2
Turn-on delay time (Note 3,4)
td(on)
VDS=300V, ID=4A,
RG=25Ω
-
10
-
ns
Rise time (Note 3,4)
tr
-
42
-
Turn-off delay time (Note 3,4)
td(off)
-
38
-
Fall time (Note 3,4)
tf
-
46
-
Total gate charge (Note 3,4)
Qg
VDS=480V, VGS=10V,
ID=4A
9.6
12
15
nC
Gate-source charge (Note 3,4)
Qgs
3
4
5
Gate-drain charge (Note 3,4)
Qgd
2.3
3
3.8
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
4
A
Source current (Pulsed)
ISM
-
-
16
A
Forward voltage
VSD
VGS=0V, ISD=4A
-
-
1.4
V
Reverse recovery time (Note 3,4)
trr
ISD=4A, VGS=0V
dIF/dt=100A/us
-
300
-
ns
Reverse recovery charge (Note 3,4)
Qrr
-
2.2
-
uC
Note:
1. Repeated rating: Pulse width limited by safe operating area
2. L=25.9mH, IAS=4A, VDD=50V, RG=25, Starting TJ=25C
3. Pulse test: Pulse width≤300us, Duty cycle≤2%
4. Essentially independent of operating temperature typical characteristics
SMK0460FG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com