Electronic Components Datasheet Search
  English  ▼

X  

ADE7116 Datasheet(PDF) 81 Page - Analog Devices

Part # ADE7116
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7116 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADE7116_15 Datasheet HTML 77Page - Analog Devices ADE7116_15 Datasheet HTML 78Page - Analog Devices ADE7116_15 Datasheet HTML 79Page - Analog Devices ADE7116_15 Datasheet HTML 80Page - Analog Devices ADE7116_15 Datasheet HTML 81Page - Analog Devices ADE7116_15 Datasheet HTML 82Page - Analog Devices ADE7116_15 Datasheet HTML 83Page - Analog Devices ADE7116_15 Datasheet HTML 84Page - Analog Devices ADE7116_15 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 81 of
152
External Voltage ADC in PSM0, PSM1, and PSM2 Modes
An external voltage conversion is initiated only by certain actions
that depend on the operating mode of the ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569.
•
In PSM0 operating mode, the 8052 is active. External
voltage measurements are available in the background
measurement mode and by initiating a single measurement.
•
In PSM1 operating mode, the 8052 is active and the part is
powered from battery. Single external voltage measurements
can be initiated by setting the VDCIN_ADC_GO bit (Bit 2)
in the start ADC measurement SFR (ADCGO, Address
0xD8). Background external voltage measurements are not
available.
•
In PSM2 operating mode, the 8052 is not active. External
voltage conversions are available through the background
measurement mode only.
The external voltage ADC in the VDCIN ADC value SFR
(VDCINADC, Address 0xEF) is updated with a new value only
when an external voltage ADC interrupt occurs.
External Voltage ADC Interrupt
The external voltage ADC can generate an ADC interrupt when
at least one of the following conditions occurs:
•
The difference between the new external voltage ADC
value and the last external voltage ADC value generating
an ADC interrupt is larger than the value set in the
VDCIN_DIFF[2:0] bits in the temperature and supply
delta SFR (DIFFPROG, Address 0xF3).
•
The external voltage ADC conversion initiated by setting
VDCIN_ADC_GO, finishes.
When the ADC interrupt occurs, a new value is available in the
VDCIN ADC value SFR (VDCINADC, Address 0xEF). Note that
there is no flag associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com