Electronic Components Datasheet Search
  English  ▼

X  

ADE7116 Datasheet(PDF) 122 Page - Analog Devices

Part # ADE7116
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7116 Datasheet(HTML) 122 Page - Analog Devices

Back Button ADE7116_15 Datasheet HTML 118Page - Analog Devices ADE7116_15 Datasheet HTML 119Page - Analog Devices ADE7116_15 Datasheet HTML 120Page - Analog Devices ADE7116_15 Datasheet HTML 121Page - Analog Devices ADE7116_15 Datasheet HTML 122Page - Analog Devices ADE7116_15 Datasheet HTML 123Page - Analog Devices ADE7116_15 Datasheet HTML 124Page - Analog Devices ADE7116_15 Datasheet HTML 125Page - Analog Devices ADE7116_15 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 122 of 1
52
Table 128. RTC Configuration SFR (TIMECON, Address 0xA1)
Bit
Mnemonic
Default
Description
7
MIDNIGHT
0
Midnight flag. This bit is set when the RTC rolls over to 00:00:00:00. It can be cleared by the user to
indicate that the midnight event has been serviced. In twenty-four hour mode, the midnight flag is
raised once a day at midnight. When this interrupt is used for wake-up from PSM2 to PSM1 mode, the
RTC interrupt must be serviced and the flag cleared to be allowed to enter PSM2 mode.
6
TFH
0
Twenty-four hour mode. This bit is retained during a watchdog reset or an external reset. It is reset after a
power-on reset (POR).
TFH
Result
0
256-hour mode. The HOUR register rolls over from 255 to 0.
1
24-hour mode. The HOUR register rolls over from 23 to 0.
[5:4]
ITS
0
Interval timer time base selection.
ITS
Result (Time Base)
00
1/128 sec.
01
Second.
10
Minute.
11
Hour.
3
SIT
0
Interval Timer 1 alarm.
SIT
Result
0
The ALARM flag is set after INTVAL counts, and then another interval count starts.
1
The ALARM flag is set after one time interval.
2
ALARM
0
Interval timer alarm flag. This bit is set when the configured time interval has elapsed. It can be cleared
by the user to indicate that the alarm event has been serviced. This bit cannot be set to 1 by user code.
1
ITEN
0
Interval timer enable.
ITEN
Result
0
The interval timer is disabled. The 8-bit interval timer counter is reset.
1
Set this bit to enable the interval timer.
0
Reserved
1
This bit must be left set for proper operation.
Table 129. Hundredths of a Second Counter SFR (HTHSEC, Address 0xA2)
Bit
Mnemonic
Default
Description
[7:0]
HTHSEC
0
This counter updates every 1/128 second, referenced from the calibrated 32.768 kHz clock. It overflows
from 127 to 00, incrementing the seconds counter (SEC). This register is retained during a watchdog
reset or an external reset. It is reset after a POR.
Table 130. Seconds Counter SFR (SEC, Address 0xA3)
Bit
Mnemonic
Default
Description
[7:0]
SEC
0
This counter updates every second, referenced from the calibrated 32.768 kHz clock. It overflows from 59 to
00, incrementing the minutes counter (MIN). This register is retained during a watchdog reset or an
external reset. It is reset after a POR.
Table 131. Minutes Counter SFR (MIN, Address 0xA4)
Bit
Mnemonic
Default
Description
[7:0]
MIN
0
This counter updates every minute, referenced from the calibrated 32.768 kHz clock. It overflows from 59 to
00, incrementing the hours counter, HOUR. This register is retained during a watchdog reset or an
external reset. It is reset after a POR.
Table 132. Hours Counter SFR (HOUR, Address 0xA5)
Bit
Mnemonic
Default
Description
[7:0]
HOUR
0
This counter updates every hour, referenced from the calibrated 32.768 kHz clock. If the TFH bit in the
RTC configuration SFR (TIMECON, 0xA1) is set, the HOUR SFR overflows from 23 to 00, setting the
MIDNIGHT bit and creating a pending RTC interrupt. If the TFH bit is cleared, the HOUR SFR overflows from
255 to 00, setting the MIDNIGHT bit and creating a pending RTC interrupt. This register is retained during
a watchdog reset or an external reset. It is reset after a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com