Electronic Components Datasheet Search
  English  ▼

X  

ADE7116 Datasheet(PDF) 138 Page - Analog Devices

Part # ADE7116
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7116 Datasheet(HTML) 138 Page - Analog Devices

Back Button ADE7116_15 Datasheet HTML 134Page - Analog Devices ADE7116_15 Datasheet HTML 135Page - Analog Devices ADE7116_15 Datasheet HTML 136Page - Analog Devices ADE7116_15 Datasheet HTML 137Page - Analog Devices ADE7116_15 Datasheet HTML 138Page - Analog Devices ADE7116_15 Datasheet HTML 139Page - Analog Devices ADE7116_15 Datasheet HTML 140Page - Analog Devices ADE7116_15 Datasheet HTML 141Page - Analog Devices ADE7116_15 Datasheet HTML 142Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 138 of
152
SPI INTERRUPT AND STATUS FLAGS
The SPI interface has several status flags that indicate the status
of the double-buffered receive and transmit registers. Figure 111
shows when the status and interrupt flags are raised. The transmit
interrupt occurs when the internal serial port shift register is loaded
with the data in the SPI/I2C transmit buffer SFR (SPI2CTx,
Address 0x9A) register. If the SPI master is in transmit
operating mode, and the SPI/I2C transmit buffer SFR (SPI2CTx,
Address 0x9A) register has not been written with new data by
the beginning of the next byte transfer, the transmit operation
stops.
When a new byte of data is received in the SPI/I2C receive
buffer SFR (SPI2CRx, Address 0x9B), the SPI receive interrupt
flag is raised. If the data in the SPI/I2C receive buffer SFR
(SPI2CRx, Address 0x9B) is not read before new data is ready to
be loaded into the SPI/I2C receive buffer SFR (SPI2CRx,
Address 0x9B), an overflow condition has occurred. This
overflow condition, indicated by the SPIRxOF flag, forces the
new data to be discarded or overwritten if the RxOFW bit
(SPIMOD1, Address 0xE8) is set.
SPITx
TRANSMIT SHIFT REGISTER
SPITxIRQ = 1
SPITx (EMPTY)
TRANSMIT SHIFT REGISTER
STOPS TRANSFER IF TIMODE = 1
SPIRx
RECEIVE SHIFT REGISTER
SPIRxIRQ = 1
SPIRx (FULL)
RECEIVE SHIFT REGISTER
SPIRxOF = 1
Figure 111. SPI Receive and Transmit Interrupt and Status Flags
SCLK
(SPICPOL=0)
MISO
SCLK
(SPICPOL = 1)
MOSI
SPIRx1 AND
SPITx1 FLAGS
SS_b
SPIRx0 AND
SPITx0 FLAGS
SPICPHA = 1
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MISO
MOSI
SPIRx1 AND
SPITx1 FLAGS
SPIRx0 AND
SPITx0 FLAGS
SPICPHA = 0
Figure 112. SPI Timing Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com