Electronic Components Datasheet Search
  English  ▼

X  

SSH103 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SSH103
Description  1.0 AMP SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SSH103 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SSH103 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SSH103 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
1.0
30
5.0
100
15
-65
+150
A
A
V
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance from Junction to Ambient.
SSH101 THRU SSH108
1.3
1.0
1.85
50
75
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
1.0 AMP SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
Operating and Storage Temperature Range TJ, TSTG
C
at Ta=25 C
Dimensions in inches and (millimeters)
.106(2.7)
.098(2.5)
.144(3.65)
.136(3.45)
.007(0.17)
.005(0.13)
.067(1.7)
.059(1.5)
.033(0.85)
.022(0.55)
.051(1.3)
.043(1.1)
.037(0.95)
.033(0.85)
SS
80
C/W
Typical Thermal Resistance R JA (Note 3)
Marking Code
H11
H12
H13
H14
H15
H16
H17
H18
V
SSH101 SSH102 SSH103 SSH104 SSH105 SSH106 SSH107 SSH108
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
A
A
458


Similar Part No. - SSH103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
Advanced Power MOSFET
logo
Inchange Semiconductor ...
SSH10N60A ISC-SSH10N60A Datasheet
283Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
SSH10N60B FAIRCHILD-SSH10N60B Datasheet
680Kb / 8P
600V N-Channel MOSFET
logo
Inchange Semiconductor ...
SSH10N60B ISC-SSH10N60B Datasheet
283Kb / 2P
isc N-Channel MOSFET Transistor
SSH10N70 ISC-SSH10N70 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SSH103

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1H1 UNIOHM-1H1 Datasheet
68Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
SMH101A UNIOHM-SMH101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
SMH101M UNIOHM-SMH101M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
SMH101A GWSEMI-SMH101A Datasheet
70Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
1H1 GWSEMI-1H1 Datasheet
69Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER101S GWSEMI-HER101S Datasheet
70Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
UF4007-2C1A-2CDO-41 DGNJDZ-UF4007-2C1A-2CDO-41 Datasheet
139Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER107-2C1A-2CDO-41 DGNJDZ-HER107-2C1A-2CDO-41 Datasheet
143Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER108-2C1A-2CDO-41 DGNJDZ-HER108-2C1A-2CDO-41 Datasheet
143Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
UF4001 YIXIN-UF4001 Datasheet
153Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com