Electronic Components Datasheet Search
  English  ▼

X  

ADE7763 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7763
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7763_15 Datasheet HTML 46Page - Analog Devices ADE7763_15 Datasheet HTML 47Page - Analog Devices ADE7763_15 Datasheet HTML 48Page - Analog Devices ADE7763_15 Datasheet HTML 49Page - Analog Devices ADE7763_15 Datasheet HTML 50Page - Analog Devices ADE7763_15 Datasheet HTML 51Page - Analog Devices ADE7763_15 Datasheet HTML 52Page - Analog Devices ADE7763_15 Datasheet HTML 53Page - Analog Devices ADE7763_15 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
ADE7763
Data Sheet
Rev. C | Page 50 of 56
Address
Name
R/W
No. Bits
Default
Type1
Description
0x26
TEMP
R
8
0x0
S
Temperature Register. This is an 8-bit register that contains the result of
the latest temperature conversion—see the Temperature Measurement
section.
0x27
PERIOD
R
16
0x0
U
Period of the Channel 2 (Voltage Channel) Input Estimated by Zero-
Crossing Processing. The MSB of this register is always zero.
0x28–
0x3C
Reserved.
0x3D
TMODE
R/W
8
–
U
Test Mode Register.
0x3E
CHKSUM
R
6
0x0
U
Checksum Register. This 6-bit, read-only register is equal to the sum of all
the ones in the previous reads—see the Serial Read Operation section.
0x3F
DIEREV
R
8
–
U
Die Revision Register. This 8-bit, read-only register contains the revision
number of the silicon.
1
Type decoder: U = unsigned, S = signed by twos complement method, and S* = signed by sign magnitude method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com