Electronic Components Datasheet Search
  English  ▼

X  

HIP0051 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0051
Description  0.25A/50V Octal Low Side Power Driver with Serial Bus Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0051 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0051 Datasheet HTML 1Page - Intersil Corporation HIP0051 Datasheet HTML 2Page - Intersil Corporation HIP0051 Datasheet HTML 3Page - Intersil Corporation HIP0051 Datasheet HTML 4Page - Intersil Corporation HIP0051 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
June 1996
HIP0051
0.25A/50V Octal Low Side Power Driver
with Serial Bus Control
Features
• Eight Open Drain - NDMOS Low Side Drivers Each
Capable of 250mA
• High Voltage Power BiMOS with Low Idle and Standby
Current
• Over-Voltage Clamp Protection
- Each Output . . . . . . . . . . . . . . . . . . . . . . . 50V Typical
• Serial Data Input, Parallel Output Power Drive
• Common Enable for Output Drivers and Data Storage
Register
• -40oC to 85oC Operating Range
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and
µP Controlled Drivers
• Robotic Controls
Description
The HIP0051 is a logic controlled, eight channel Octal Low
Side Power Driver. As shown in the Block Diagram, the
outputs are controlled via the serial data interface which
allows the data to be shifted out, allowing control of other
cascaded serial devices.
The HIP0051 is fabricated in a Power BiMOS IC process,
and is intended for use in automotive and other applications
having a wide range of temperature and electrical stress
conditions. It is particularly suited for driving lamps, displays,
relays, and solenoids in applications where low operating
power, high breakdown voltage, and high output current at
high temperature is required.
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0051IB
-40 to 85
20 Ld SOIC
M20.3
Pinout
HIP0051
(SOIC)
TOP VIEW
Block Diagram
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
GND
VCC
SI
DR0
DR1
DR2
NC
DR3
EN
GND
GND
SO
DR7
DR6
LGND
DR5
DR4
SCK
STR
GND
SCK
OUTPUT
OUTPUT DRIVER
(CHANNEL 1 OF 8)
DR#0
LATCH
EN
(STROBE)
SI
SO
SERIAL
(SPI)
PARALLEL
(DATA IS
REGISTER
INPUT
STR
(ENABLE)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
STROBED)
WHEN
LATCHED
OUTPUT
8-BIT
File Number
4155
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0051

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0051IB RENESAS-HIP0051IB Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
More results

Similar Description - HIP0051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
Octal Low Side Driver OLSD
1998 Feb 09
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com