Electronic Components Datasheet Search
  English  ▼

X  

HIP0061 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0061
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0061 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0061 Datasheet HTML 1Page - Intersil Corporation HIP0061 Datasheet HTML 2Page - Intersil Corporation HIP0061 Datasheet HTML 3Page - Intersil Corporation HIP0061 Datasheet HTML 4Page - Intersil Corporation HIP0061 Datasheet HTML 5Page - Intersil Corporation HIP0061 Datasheet HTML 6Page - Intersil Corporation HIP0061 Datasheet HTML 7Page - Intersil Corporation HIP0061 Datasheet HTML 8Page - Intersil Corporation HIP0061 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
December 1997
HIP0061
60V, 3.5A, 3-Transistor Common Source
ESD Protected Power MOSFET Array
Features
• Three 3.5A Power MOS N-Channel Transistors
• Output Voltage to 60V
•rDS(ON) . . . . . 0.225Ω Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . . 10A Each Transistor
• Avalanche Energy . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation
Applications
• Automotive
• Appliance
• Industrial Control
• Robotics
• Relay, Solenoid, Lamp Drivers
Description
The HIP0061 is a power MOSFET array that consists of
three matched N-Channel enhancement mode MOS transis-
tors connected in a common source configuration. The
advanced Harris PASIC2 process technology used in this
product utilizes efficient geometries that provides outstand-
ing device performance and ruggedness.
The HIP0061 is designed to integrate three power devices in
one chip thus providing board layout area and heat sink sav-
ings for applications such as Motor Controls, Lamps,
Solenoids and Resistive Loads.
Symbol
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0061AS1
-40 to 125
7 Ld Staggered
Vertical SIP
Z7.05C
HIP0061AS2
-40 to 125
7 Ld Gullwing SIP
Z7.05B
DRAIN3
GATE3
DRAIN1
GATE1
DRAIN2
SOURCE, TAB
GATE2
4
1
2
3
5
6
7
Pinouts
HIP0061AS1
(SIP - VERTICAL)
TOP VIEW
HIP0061AS2
(SIP - GULLWING)
TOP VIEW
7
DRAIN3
6
GATE3
5
DRAIN2
4
SOURCE
3
GATE2
2
DRAIN1
1
GATE 1
TAB
TAB (SOURCE) INTERNALLY CONNECTED TO PIN 4
TAB (SOURCE) INTERNALLY CONNECTED TO PIN 4
7
DRAIN3
6
GATE3
5
DRAIN2
4
SOURCE
3
GATE2
2
DRAIN1
1
GATE 1
TAB
File Number
3982.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0061

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
HIP0061AS1 RENESAS-HIP0061AS1 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
HIP0061AS2 RENESAS-HIP0061AS2 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results

Similar Description - HIP0061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
Pch -60V -3.5A Power MOSFET
logo
Pan Jit International I...
PJT7605-AU PANJIT-PJT7605-AU Datasheet
776Kb / 9P
60V Complementary Enhancement Mode MOSFET – ESD Protected
November 5,2021
2N7002KW-AU PANJIT-2N7002KW-AU Datasheet
629Kb / 6P
60V N-Channel Enhancement Mode MOSFET – ESD Protected
October 27,2017-REV.01
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com