Electronic Components Datasheet Search
  English  ▼

X  

HIP0063 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP0063
Description  Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0063 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP0063 Datasheet HTML 1Page - Intersil Corporation HIP0063 Datasheet HTML 2Page - Intersil Corporation HIP0063 Datasheet HTML 3Page - Intersil Corporation HIP0063 Datasheet HTML 4Page - Intersil Corporation HIP0063 Datasheet HTML 5Page - Intersil Corporation HIP0063 Datasheet HTML 6Page - Intersil Corporation HIP0063 Datasheet HTML 7Page - Intersil Corporation HIP0063 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Specifications HIP0063
Absolute Maximum Ratings
Thermal Information (Typical)
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Max Quiescent Logic Supply Current, ICC . . . . . . . . . . . . . . . . . 5mA
Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
System Supply Voltage Monitor, VPWR (Note 1)
Max Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.5V to 38V
Max Drain Clamp Voltage, VDM (Note 2) . . . . . . . . . . . . . . . . . . 75V
Max Gate Drive Output Voltage, VG (Note 3) . . . . -0.3 to VCC + 0.3V
Operating Ambient Temperature Range, TA . . . . -40
oC to +125oC
Operating Junction Temperature Range . . . . . . -40oC to +150oC
Storage Temperature Range, TSTG . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering 10s Max) . . . . . . . . . . . . . . . +265oC
Thermal Resistance
θ
JA
28 Lead SOIC Package . . . . . . . . . . . . . . . . . . . . . . .
75oC/W
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VCC = 4.5V to 5.5V, VPWR = 5.5V to 17V, TA = -40
oC to +125oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Logic Supply Quiescent Current
ICC
--
5
mA
VCC Threshold for POR Reset
VPOR
PI0-5 High (ON), Increase VCC, Measure
VCC Threshold When Gate Drive Goes
High
3.5
4
4.25
V
POR Hysteresis
VPOR_HYS
PI0-5 High, Decrease VCC, Measure VCC
Threshold when Gate Drive goes Low,
Hysteresis Equals Differential VCC Voltage
for Gate Drive High to Gate Drive Low
-
500
-
mV
Undervoltage Lockout, Low VCC
VCC
VPWR = 14V
1
2
3.7
V
Battery Supply Monitor Current
IPWR
VPWR = 14V
-
-
150
µA
VPWR Over-Voltage Shutdown
Threshold
VPWR_OVTH
VPWR Threshold Measured When Gate
Drive Voltage, VG Goes Low
30
35
40
V
VPWR Over-Voltage Shutdown
Hysteresis
VPWR_OVHYS
-1-
V
LOGIC INPUTS
Input High Voltage; SI, SCK, CS
VIH
0.7VCC
--
V
Input Low Voltage; SI, SCK, CS
VIL
-
-
0.3VCC
V
Input Leakage Current; SI, SCK
ILK
-10
0
10
µA
Input Pulldown Currents;
PI0-5, HPW01, HPW45
IIN_PD
0.3VCC < VIN < VCC
310
25
µA
Input Pullup Currents; CS, HLOS
IIN_PU
GND < VIN < 0.7 VCC
-25
-10
-2
µA
Threshold Voltage at Falling Edge,
PI0-5, HLOS, HPW01, HPW45
VT-
1.5
2.2
3.0
V
Threshold Voltge at Rising Edge,
PI0-5, HLOS, HPW01, HPW45
VT+
1.8
2.6
3.4
V
Input Hysteresis Voltage;
PI0-5, HLOS, HPW01, HPW45
VIN_HYS
250
500
650
mV
Input Capacitance, SCK, SI
CIN
0 < VIN < VCC
-
7
12
pF
DATA OUTPUT
SO Data Output High Voltage
VOH
IO = 5mA Source Current
0.8VCC
--
V
SO Data Output Low Voltage
VOL
IO = 5mA Sink Current
-
0.2
0.4
V
SO Three-State Leakage Current
ISOT
VCC = 0V to 5.5V
-10
1
10
µA
SO Three-State Capacitance
CSOT
0 < VIN < VCC
-15
20
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com