Electronic Components Datasheet Search
  English  ▼

X  

HIP1011ACB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1011ACB
Description  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011ACB Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1011ACB Datasheet HTML 1Page - Intersil Corporation HIP1011ACB Datasheet HTML 2Page - Intersil Corporation HIP1011ACB Datasheet HTML 3Page - Intersil Corporation HIP1011ACB Datasheet HTML 4Page - Intersil Corporation HIP1011ACB Datasheet HTML 5Page - Intersil Corporation HIP1011ACB Datasheet HTML 6Page - Intersil Corporation HIP1011ACB Datasheet HTML 7Page - Intersil Corporation HIP1011ACB Datasheet HTML 8Page - Intersil Corporation HIP1011ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
M12VIN
-12V Input
-12V Supply Input. Also provides power to the -12V overcurrent circuitry.
2
FLTN
Fault Output
5V CMOS Fault Output; LOW = FAULT. A capacitor may be placed from this pin to ground to
provide delay time to fault notification and power supply latch-off.
3
3V5VG
3.3V/5V Gate Output
Drive the gates of the 3.3V and 5V MOSFETs. Connect a capacitor to ground to set the start-
up ramp. During turn on, this capacitor is charged with a 25
µA current source.
4
VCC
12V VCC Input
Connect to unswitched 12V supply.
5
12VIN
12V Input
Switched 12V supply input.
6
3VISEN
3.3V Current Sense
Connect to the load side of the current sense resistor in series with source of external 3.3V
MOSFET.
7
3VS
3.3V Source
Connect to source of 3.3V MOSFET. This connection along with pin 6 (3VISEN) senses the
voltage drop across the sense resistor.
8
OCSET
Overcurrent Set
Connect a resistor from this pin to ground to set the overcurrent trip point of all four switches.
All four over current trips can be programmed by changing the value of this resistor. The
default (6.04k
Ω, 1%) is compatible with the maximum allowable currents as outlined in the
PCI specification.
9
PWRON
Power On Control
Controls all four switches. High to turn switches ON, Low to turn them OFF.
10
5VS
5V Source
Connect to source of 5V MOSFET switch. This connection along with pin 11 (5VISEN)
senses the voltage drop across the sense resistor.
11
5VISEN
5V Current Sense
Connect to the load side of the current sense resistor in series with source of external 5V
MOSFET.
12
12VO
Switched 12V Output
Switched 12V output.
13
GND
Ground
Connect to common of power supplies.
14
12VG
Gate of Internal PMOS Connect a capacitor between 12VG and 12VO to set the start up ramp for the +12V supply.
This capacitor is charged with a 25
µA current source during start-up. The UV circuitry is
enabled after the voltage on 12VG is less than 400mV. Therefore, if the capacitor on the pin
3 (3V5VG) is more than 25% larger than the capacitor on pin 14 (12VG) a false UV may be
detected during start up.
15
M12VG
Gate of Internal NMOS Connect a capacitor between M12VG and M12VO to set the start up ramp for the M12V
supply. This capacitor is charged with 25
µA during start up.
16
M12VO
Switched -12V
Output
Switched 12V Output.
HIP1011A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com