Electronic Components Datasheet Search
  English  ▼

X  

HIP1015CB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1015CB
Description  Power Distribution Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1015CB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1015CB Datasheet HTML 1Page - Intersil Corporation HIP1015CB Datasheet HTML 2Page - Intersil Corporation HIP1015CB Datasheet HTML 3Page - Intersil Corporation HIP1015CB Datasheet HTML 4Page - Intersil Corporation HIP1015CB Datasheet HTML 5Page - Intersil Corporation HIP1015CB Datasheet HTML 6Page - Intersil Corporation HIP1015CB Datasheet HTML 7Page - Intersil Corporation HIP1015CB Datasheet HTML 8Page - Intersil Corporation HIP1015CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Simplified Block Diagram
Pin Descriptions
+
-
ISET
ISEN
GATE
VSS
VDD
CTIM
PGOOD
PWRON
CLIM
WOCLIM
ENABLE
OC
10
µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VDD
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20
µA
7.5k
+
-
+
-
10
µA
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
ISET
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor.
This pin functions as the current limit programming pin.
2
ISEN
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this
resistor
3
GATE
External FET Gate Drive
Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to ground
sets the turn-on ramp. At turn-on this capacitor will be charged to VDD +5V (HIP1015) and to
VDD (HIP1016) by a 10µA current source.
4
VSS
Chip Return
5VDD
Chip Supply
12V chip supply. This can be either connected directly to the +12V rail supplying the switched
load voltage or to a dedicated VSS +12V supply.
6
CTIM
Current Limit Timing
Capacitor
Connect a capacitor from this pin to ground. This capacitor determines the time delay
between an overcurrent event and chip output shutdown (current limit time-out). The duration
of current limit time-out (in seconds) = 93k
Ω x CTIM (Farads).
7
PGOOD
Power Good Indicator
Indicates that the voltage on ISEN pin is within specification. PGOOD is driven by an open
drain N-Channel MOSFET and is pulled low when the output is not within specification.
8
PWRON
Power ON
PWRON is used to control and reset the chip. The chip is enabled when PWRON pin is driven
high or is open. After a current limit time out, the chip is reset by a low level signal applied to
this pin. This input has 20
µA pull up capability
HIP1015, HIP1016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com