Electronic Components Datasheet Search
  English  ▼

X  

HIP1090 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1090
Description  Protected High Side Power Switch with Transient Suppression
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1090 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1090 Datasheet HTML 1Page - Intersil Corporation HIP1090 Datasheet HTML 2Page - Intersil Corporation HIP1090 Datasheet HTML 3Page - Intersil Corporation HIP1090 Datasheet HTML 4Page - Intersil Corporation HIP1090 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
9-22
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
407-727-9207
| Copyright
© Intersil Corporation 1999
HIP1090
Protected High Side Power Switch
with Transient Suppression
Description
The HIP1090 is a Protected Power Interface Switch
designed to suppress potentially damaging over-voltage
transients with peak voltage source inputs ranging up to
±90V in amplitude. It is designed to be operated in a ‘hard-
wired’ pass-thru mode or as a high side power switch which
controls the current flow through a PNP pass transistor of
the IC. In either mode The HIP1090 has a low saturated
forward voltage drop. The protected load circuit is connected
to the output of the IC. As such, the HIP1090 operates as a
transient suppressor where the PNP drive transistor is
switched off when VIN is greater than the Over-Voltage Shut-
down range of 16V to 19V. Shutdown also occurs when VIN
is less than the forward turn-on threshold of approximately
2.5V, including the negative voltage range.
The merits of transient suppression depend on the required
integrity of the applications load elements. Instrument panel
signal warning lights for critical functions such as over-
temperature or low fluid levels can be protected by the
HIP1090 against high level transient voltages and double
battery conditions that may potentially cause bulb burnouts.
The HIP1090 may be used to protect the power supplies of
small signal or logic circuits with voltages ranging from 4V to
16V, effectively blocking higher peak voltages.
The HIP1090 has internal current limiting protection in the
range of 1A to 2A for short circuit to ground conditions and
thermal shutdown protection when the junction temperature
is greater than 150oC. It is capable of driving resistive,
inductive or lamp loads (such as lamps No. 168 or 194) with
minimum risk of damage under harsh environmental stress
conditions. The HIP1090 is supplied in a 3 lead TO-220AB
package.
Features
•
±90V Transient Suppression
• 4V to 16V Operating Voltage
• 1A Current Load Capability
• Low Input-Output Voltage Drop With Controlled
Saturation Detector for
- Fast Low Current Turn-OFF
- Reduced No-Load Idle Current
• Over-Voltage Shutdown Protection
• Short Circuit Current Limiting
• Over-Temperature Limiting Protected
• Thermal Limiting at TJ = +150
oC
• -40oC to +125oC Operating Temperature Range
Applications
• Electronic Circuit Breaker
• Transient Suppressor
• Over-Voltage Monitor
• High Side Driver Switch for
- Relays
- Solenoids
- Heaters
- Motors
- Lamps
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HIP1090AS
-40oC to +125oC
TO-220AB SIP
March 1995
Pinout
HIP1090 (SIP)
TOP VIEW
NOTE:
INTERNALLY
CONNECTED
TO PIN 2
HEAT SINK TAB
12
3
Functional Block Diagram
BASE
CURRENT
LIMIT
2
VCON
(CONTROL OR GND)
RS
3
VOUT
CURRENT
AMPLIFIER
(TO LOAD)
0.02
Ω
OVER-
VOLTAGE
SHUTDOWN
VCESAT
DETECTOR
THERMAL
LIMIT
1
VIN
(VCC OR
VBATT)
File Number
3398.3


Similar Part No. - HIP1090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011 INTERSIL-HIP1011 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011A INTERSIL-HIP1011A Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
More results

Similar Description - HIP1090

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS5451 IRF-IPS5451 Datasheet
196Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5551T IRF-IPS5551T Datasheet
119Kb / 10P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
logo
STMicroelectronics
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
PROTECTED HIGH SIDE SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
PROTECTED HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com