Electronic Components Datasheet Search
  English  ▼

X  

HIP2106 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP2106
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP2106 Datasheet HTML 1Page - Intersil Corporation HIP2106 Datasheet HTML 2Page - Intersil Corporation HIP2106 Datasheet HTML 3Page - Intersil Corporation HIP2106 Datasheet HTML 4Page - Intersil Corporation HIP2106 Datasheet HTML 5Page - Intersil Corporation HIP2106 Datasheet HTML 6Page - Intersil Corporation HIP2106 Datasheet HTML 7Page - Intersil Corporation HIP2106 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB-VHS . . . . . . . . . . . . . . . . . . . -0.3V to 18V
LI and HI Voltages . . . . . . . . . . . . . . . . . . . . . . . . .-3V to VDD +0.3V
Voltage on LO . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on HO . . . . . . . . . . . . . . . . . . . . . . VHS -0.3V to VHB +0.3V
Voltage on HS (Continuous) . . . . . . . . . . . . . . . . . . . . . -1V to 110V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +118V
Average Current in VDD to HB Diode. . . . . . . . . . . . . . . . . . . 100mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (1kV)
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
HS Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V/ns
Maximum Power Dissipation at 25oC in Free Air . . . . . . . . . .780mW
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature Range . . . . . . . . . -55oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(Lead Tips Only)
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . +9V to +16.5V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . . (Repetitive Transient) -5V to 105V
Voltage on HB. . . VHS +8V to VHS +16.5V and VDD -1V to VDD +100V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. All Voltages Relative to Pin 4, VSS Unless Otherwise Specified.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJ = -40
oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS
VDD Quiescent Current
IDD
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
VDD Operating Current
IDDO
f = 500kHz
-
1.5
2.5
-
3
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
1.5
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
VHS = VHB = 116.5V
-
0.05
1
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz
-
0.7
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
4
5.4
-
3
-
V
High Level Input Voltage Threshold
VIH
-
5.8
8
-
9
V
Input Voltage Hysteresis
VIHYS
-
0.4
-
-
-
V
Input Pulldown Resistance
RI
-
200
-
100
500
k
Ω
UNDER VOLTAGE PROTECTION
VDD Rising Threshold
VDDR
7
7.3
8
6.5
8.5
V
VDD Threshold Hysteresis
VDDH
-
0.5
-
-
-
V
HB Rising Threshold
VHBR
6.5
6.9
7.5
6
8
V
HB Threshold Hysteresis
VHBH
-
0.4
-
-
-
V
BOOT STRAP DIODE
Low-Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.45
0.55
-
0.7
V
High-Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.8
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD-VLO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHL
VLO = 0V
-
1
-
-
-
A
Peak Pulldown Current
IOLL
VLO = 12V
-
1
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB-VHO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHH
VHO = 0V
-
1
-
-
-
A
HIP2106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com