Electronic Components Datasheet Search
  English  ▼

X  

HIP2106IB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP2106IB
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106IB Datasheet(HTML) 6 Page - Intersil Corporation

  HIP2106IB Datasheet HTML 1Page - Intersil Corporation HIP2106IB Datasheet HTML 2Page - Intersil Corporation HIP2106IB Datasheet HTML 3Page - Intersil Corporation HIP2106IB Datasheet HTML 4Page - Intersil Corporation HIP2106IB Datasheet HTML 5Page - Intersil Corporation HIP2106IB Datasheet HTML 6Page - Intersil Corporation HIP2106IB Datasheet HTML 7Page - Intersil Corporation HIP2106IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FIGURE 11. PROPAGATION DELAYS vs TEMPERATURE
FIGURE 12. PULLUP CURRENT vs OUTPUT VOLTAGE
FIGURE 13. PULLDOWN CURRENT vs OUTPUT VOLTAGE
FIGURE 14. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 15. BIAS CURRENT vs VOLTAGE
Typical Performance Curves (Continued)
tHPHL
tHPLH
tLPHL
tLPLH
TEMPERATURE (oC)
-50
0
50
100
150
60
50
40
30
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VHO, VLO (V)
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VLO, VHO (V)
0.8
1
0.1
0.01
0.001
1
•10-4
1
•10-5
1
•10-6
0.7
0.6
0.5
0.4
0.3
FORWARD VOLTAGE (V)
VDD, VHB (V)
0
5
10
15
60
50
40
0
30
20
10
IDD vs VDD
IHB vs VHB
HIP2106



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com