Electronic Components Datasheet Search
  English  ▼

X  

HIP4011 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4011
Description  Three Phase Brushless DC Motor Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4011 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4011 Datasheet HTML 1Page - Intersil Corporation HIP4011 Datasheet HTML 2Page - Intersil Corporation HIP4011 Datasheet HTML 3Page - Intersil Corporation HIP4011 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-12
Specifications HIP4011
Absolute Maximum Ratings
Thermal Information
Supply Voltage, SV+ or PV+. . . . . . . . . . . . . . . . . . . . . . -1V to +16V
Referred to SGND or PGND (Note 1)
Output Current, Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A
Output Current, Peak (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A
Substrate (PGND) Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Logic Input Current . . . . . . . . . . . . . . . . . . . . . . . . . -20mA to +20mA
(Clamped to SV+ and SGND)
Thermal Resistance
θ
JA
θ
JC
15 Lead SIP Power Package. . . . . . . . . .
45oC/W
3oC/W
Power Dissipation (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25W
Junction Temperature Range, Operating . . . . . . . . . . . . . . . +150oC
Storage Temperature Range. . . . . . . . . . . . . . . . . . -55oC to +150oC
Power Dissipation
Up to +125oC without heat sink . . . . . . . . . . . . . . . . . . . . . 0.56W
Above +125oC without Heat Sink . . Derate Linearly at 22mW/oC
Up to +125oC with Infinite Heat Sink . . . . . . . . . . . . . . . . . 8.33W
Above +125oC with Infinite Heat Sink . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .Derate Linearly at 333mW/oC
Lead Temperature (During Soldering)
At a Distance 1/16 inch
±1/32 inch (1.59mm ±0.79mm)
from Case for 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
NOTES:
1. PV+ and SV+ are to be tied together, as are PGND and SGND.
2. Operating above the continuous current rating causes a decrease in operating life.
3. Derate power dissipation above case temperature of +75oC at 0.33 Watts/oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = +25
oC and SV+ = PV+ = 10.4V to 13.2V, Unless Otherwise Specified
PARAMETERS
TEST CONDITION
MIN
TYP
MAX
UNITS
SUPPLY (SV+) CURRENT
No Drive
Outputs Off
-
-
10
mA
With Drive
Outputs On
-
-
15
mA
LOGIC INPUT CURRENT
Sensor Inputs
SENA, SENB & SENC = 0V to 3V
-0.5
-
-1.5
mA
Brake Input
FBRK = 0.8V to 2.4V
50
-
150
µA
LOGIC INPUT THRESHOLDS
Sensor Inputs
Logic “0” Input Voltage
-
-
1.8
V
Sensor Inputs
Logic “1” Input Voltage
3
-
-
V
Brake Input
Logic “0” Input Voltage
-
-
0.8
V
Brake Input
Logic “1” Input Voltage
2.4
-
-
V
AMPLIFIER INPUT (SPD)
Bias Current
-
-
700
nA
Offset Voltage
--
3
mV
Input Range (Linear)
0
-
1
V
Input Impedance
1-
-
M
Ω
System Bandwidth
(Note 1)
-
35
-
kHz
Current Limit
Rsense = 0.20
Ω
-5-
A
THERMAL LIMIT
Threshold
-
155
-
oC
Hysteresis
-40-
oC
OUTPUT DRIVERS
On Saturation (See Note 5)
IOUT = 3A, VPMOS + VNMOS
-
-
2.2
V
On Saturation (See Note 5)
IOUT = 0.6A, VPMOS + VNMOS
-
-
0.44
V
Off Leakage
PV+ > VOUT > PGND or ISEN
--
1
mA
Slew Rate
(See Note 2)
-
0.5
-
V/
µS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com