Electronic Components Datasheet Search
  English  ▼

X  

HIP4020 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4020
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4020 Datasheet HTML 1Page - Intersil Corporation HIP4020 Datasheet HTML 2Page - Intersil Corporation HIP4020 Datasheet HTML 3Page - Intersil Corporation HIP4020 Datasheet HTML 4Page - Intersil Corporation HIP4020 Datasheet HTML 5Page - Intersil Corporation HIP4020 Datasheet HTML 6Page - Intersil Corporation HIP4020 Datasheet HTML 7Page - Intersil Corporation HIP4020 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HIP4020
Half Amp Full Bridge Power Driver
for Small 3V, 5V and 12V DC Motors
Description
In the Functional Block Diagram of the HIP4020, the four switches
and a load are arranged in an H-Configuration so that the drive volt-
age from terminals OUTA and OUTB can be cross-switched to
change the direction of current flow in the load. This is commonly
known as 4-quadrant load control. As shown in the Block Diagram,
switches Q1 and Q4 are conducting or in an ON state when current
flows from VDD through Q1 to the load, and then through Q4 to termi-
nal VSSB; where load terminal OUTA is at a positive potential with
respect to OUTB. Switches Q1 and Q4 are operated synchronously
by the control logic. The control logic switches Q3 and Q2 to an open
or OFF state when Q1 and Q4 are switched ON. To reverse the cur-
rent flow in the load, the switch states are reversed where Q1 and Q4
are OFF while Q2 and Q3 are ON. Consequently, current then flows
from VDD through Q3, through the load, and through Q2 to terminal
VSSA, and load terminal OUTB is then at a positive potential with
respect to OUTA.
Terminals ENA and ENB are ENABLE Inputs for the Logic A and B
Input Controls. The ILF output is an Over-Current Limit Fault Flag Out-
put and indicates a fault condition for either Output A or B or both. The
VDD and VSS are the Power Supply reference terminals for the A and
B Control Logic Inputs and ILF Output. While the VDD positive power
supply terminal is internally connected to each bridge driver, the VSSA
and VSSB Power Supply terminals are separate and independent from
VSS and may be more negative than the VSS ground reference termi-
nal. The use of level shifters in the gate drive circuitry to the NMOS
(low-side) output stages allows controlled level shifting of the output
drive relative to ground.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP4020IB
-40 to 85
20 Ld SOIC
M20.3
Features
• Two Independent Controlled Complementary
MOS Power Output Half H-Drivers (Full-Bridge)
for Nominal 3V to 12V Power Supply Operation
• Split
±Voltage Power Supply Option for Output
Drivers
• Load Switching Capabilities to 0.5A
• Single Supply Range +2.5V to +15V
• Low Standby Current
• CMOS/TTL Compatible Input Logic
• Over-Temperature Shutdown Protection
• Over-Current Limit Protection
• Over-Current Fault Flag Output
• Direction, Braking and PWM Control
Applications
• DC Motor Driver
• Relay and Solenoid Drivers
• Stepper Motor Controller
• Air Core Gauge Instrument Driver
• Speedometer Displays
• Tachometer Displays
• Remote Power Switch
• Battery Operated Switch Circuits
• Logic and Microcontroller Operated Switch
June 1997
Pinout
HIP4020 SOIC
TOP VIEW
Block Diagram
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
NC
ILF
B2
ENB
B1
VSS
A1
ENA
A2
NC
NC
NC
OUTB
VSSB
VDD
VSSA
OUTA
NC
VDD
NC
VSSB
VDD
OUTB
OUTA
B1
B2
ENB
A1
A2
ENA
ILF
VSS
VSSA
Q1
Q3
Q2
Q4
ISENSE
TSENSE
ISENSE
ISENSE
ISENSE
File Number
3976.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP4020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
HIP4020IB INTERSIL-HIP4020IB Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
More results

Similar Description - HIP4020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Toshiba Semiconductor
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
Dual Full-Bridge Driver for Stepping Motors
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020_05 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
Full-Bridge Driver IC for DC Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
Dual Full-Bridge Driver for Stepping Motors
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com