Electronic Components Datasheet Search
  English  ▼

X  

HIP4020IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020IB Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4020IB Datasheet HTML 1Page - Intersil Corporation HIP4020IB Datasheet HTML 2Page - Intersil Corporation HIP4020IB Datasheet HTML 3Page - Intersil Corporation HIP4020IB Datasheet HTML 4Page - Intersil Corporation HIP4020IB Datasheet HTML 5Page - Intersil Corporation HIP4020IB Datasheet HTML 6Page - Intersil Corporation HIP4020IB Datasheet HTML 7Page - Intersil Corporation HIP4020IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HIP4020
Application
The HIP4020 is designed to detect load current feedback from
sampling resistors of low value in the source connections of the
output drivers to VDD, VSSA and VSSB (See Figure 1). When the
sink or source current at OUTA or OUTB exceeds the preset
OC (Over-Current) limiting value of 550mA typical, the current
is held at the limiting value. If the OT (Over-Temperature) Shut-
down Protection limit is exceeded, temperature sensing BiMOS
circuits limit the junction temperature to 150oC typical.
The circuit of Figure 1 shows the Full H-Switch in a small motor-
drive application. The left (A) and right (B) H-Switch’s are con-
trolled from the A and B inputs via the A and B CONTROL
LOGIC to the MOS output transistors Q1, Q2, Q3 and Q4. The
circuit is intended to safely start, stop, and control rotational
direction for a motor requiring no more than 0.5A of supply cur-
rent. The stop function includes a Dynamic Braking feature.
With the ENABLE Inputs Low, the MOS transistors Q1 and Q3
are OFF; which cuts-off supply current to OUTA and OUTB.
With the BRAKE terminal Low and ENABLE Inputs High, either
Q1 and Q4 or Q3 and Q2 will be driven into conduction by the
DIRECTION Input Control terminal. The MOS output transistor
pair chosen for conduction is determined by the logic level
applied to the DIRECTION control; resulting in either clockwise
(CW) or counter-clockwise (CCW) shaft rotation.
When the BRAKE terminal is switched high (while holding
the ENABLE input high), the gates of both Q2 and Q4 are
driven high. Current flowing through Q2 (from the motor ter-
minal OUTA) at the moment of Dynamic Braking will con-
tinue to flow through Q2 to the VSSA and VSSB external
connection, and then continue through diode D4 to the motor
terminal OUTB. As such, the resistance of the motor winding
(and the series-connected path) dissipates the kinetic
energy stored in the system. Reversing rotation, current
flowing through Q4 (from the motor terminal OUTB), at the
moment of Dynamic Braking, would continue to flow through
Q4 to the VSSB and VSSA tie, and then continue through
diode D2 to the motor terminal OUTA, to dissipate the stored
kinetic energy as previously described.
Where VDD to VSS are the Power Supply reference terminals
for the Control Logic, the lowest practical supply voltage for
proper logic control should be no less than 2.0V. The VSSA
and VSSB terminals are separate and independent from VSS
and may be more negative than the VSS ground reference
terminal. However, the maximum supply level from VDD to
VSSA or VSSB must not be greater than the Absolute Maxi-
mum Supply Voltage rating.
Terminals A1, B1, A2, B2, ENA and ENB are internally con-
nected to protection circuits intended to guard the CMOS
gate-oxides against damage due to electrostatic discharge.
(See Figure 3) Inputs ENA, ENB, A1, B1 A2 and B2 have
CD74HCT4000 Logic Interface Protection and Level Con-
verters for TTL or CMOS Input Logic. These inputs are
designed to typically provide ESD protection up to 2kV. How-
ever, these devices are sensitive to electrostatic discharge.
Proper I.C. handling procedures should be followed.
FIGURE 3. LOGIC INPUT ESD INTERFACE PROTECTION
INPUT
LEVEL
CONV.
VDD
FIGURE 4. EQUIVALENT CONTROL LOGIC A AND B SHOWN DRIVING THE OUTA AND OUTB OUTPUT DRIVERS
A1
A2
ENA
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q2
D2
Q1
D1
VDD
VSSA
OUTA
B1
B2
ENB
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q4
D4
Q3
D3
VDD
VSSB
OUTB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com