Electronic Components Datasheet Search
  English  ▼

X  

HIP4081IB Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP4081IB
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081IB Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP4081IB Datasheet HTML 8Page - Intersil Corporation HIP4081IB Datasheet HTML 9Page - Intersil Corporation HIP4081IB Datasheet HTML 10Page - Intersil Corporation HIP4081IB Datasheet HTML 11Page - Intersil Corporation HIP4081IB Datasheet HTML 12Page - Intersil Corporation HIP4081IB Datasheet HTML 13Page - Intersil Corporation HIP4081IB Datasheet HTML 14Page - Intersil Corporation HIP4081IB Datasheet HTML 15Page - Intersil Corporation HIP4081IB Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
HI4081 Power-up Application Information
The HIP4081 H-Bridge Driver IC requires external circuitry
to assure reliable start-up conditions of the upper drivers. If
not addressed in the application, the H-bridge power MOS-
FETs may be exposed to shoot-through current, possibly
leading to MOSFET failure. Following the instructions below
will result in reliable start-up.
The HIP4081 has four inputs, one for each output. Outputs
ALO and BLO are directly controlled by input ALI and BLI.
By holding ALI and BLI low during start-up no shoot-through
conditions can occur. To set the latches to the upper drivers
such that the driver outputs, AHO and BHO, are off, the DIS
pin must be toggled from low to high after power is applied.
This is accomplished with a simple resistor divider, as shown
below in Figure 30. As the VDD/VCC supply ramps from zero
up, the DIS voltage is below its input threshold of 1.7V due
to the R1/R2 resistor divider. When VDD/VCC exceeds
approximately 9V to 10V, DIS becomes greater than the
input threshold and the chip disables all outputs. It is critical
that ALI and BLI be held low prior to DIS reaching its thresh-
old level of 1.7V while VDD/VCC is ramping up, so that shoot
through is avoided. After power is up the chip can be
enabled by the ENABLE signal which pulls the DIS pin low.
FIGURE 28. HIGH VOLTAGE LEVEL-SHIFT CURRENT vs
FREQUENCY AND BUS VOLTAGE
FIGURE 29. MINIMUM DEAD-TIME vs DEL RESISTANCE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL = 100K and TA = 25
oC, Unless Otherwise Specified (Continued)
1
10
100
1000
2
5
20
50
200
500
1
10
100
1000
2
5
20
50
200
500
SWITCHING FREQUENCY (kHz)
60V
40V
80V
20V
10
50
100
150
200
250
0
30
60
90
120
150
HDEL/LDEL RESISTANCE (k
Ω)
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
3.3K
R2
ENABLE
R1
15K
FIGURE 30A.
VDD
DIS
ALI, BLI
t1
8.5V TO 10.5V (ASSUMES 5% RESISTORS)
1.7V
12V, FINAL VALUE
NOTES:
2. ALI and/or BLI may be high after t1, whereupon the ENABLE pin
may also be brought high.
3. Another product, HIP4081A, incorporates undervoltage circuitry
which eliminates the need for the above power up circuitry.
FIGURE 30B. TIMING DIAGRAM FOR FIGURE 30A
HIP4081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com