Electronic Components Datasheet Search
  English  ▼

X  

HIP4083AB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP4083AB
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083AB Datasheet(HTML) 3 Page - Intersil Corporation

  HIP4083AB Datasheet HTML 1Page - Intersil Corporation HIP4083AB Datasheet HTML 2Page - Intersil Corporation HIP4083AB Datasheet HTML 3Page - Intersil Corporation HIP4083AB Datasheet HTML 4Page - Intersil Corporation HIP4083AB Datasheet HTML 5Page - Intersil Corporation HIP4083AB Datasheet HTML 6Page - Intersil Corporation HIP4083AB Datasheet HTML 7Page - Intersil Corporation HIP4083AB Datasheet HTML 8Page - Intersil Corporation HIP4083AB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
14
Typical Application: Three Phase Bridge Driver with Programmable Dead Time
Typical Application: High Side Switch
POWER BUS
AHI
BHI
VSS
CHI
DIS
AHB
CHB
CHS
UVLO
CHO
VDD
BHO
BHS
4
3
2
1
6
5
8
7
AHS
9
13
10
11
16
12
15
14
BHB
AHO
CHIP SUPPLY
CBYPASS
CBS
CBS
CBS
OPTIONAL
MICROPROCESSOR
INPUTS
OPTIONAL
MICROPROCESSOR
INPUTS
OC SENSE
3-PHASE
LOAD
AHI
BHI
VSS
CHI
DIS
AHB
CHB
CHS
UVLO
CHO
VDD
BHO
BHS
4
3
2
1
6
5
8
7
AHS
9
13
10
11
16
12
15
14
BHB
AHO
RCURRENT
SENSE
80V
HIP4083
12V
GND
AHI
BHI
CHI
AHO
BHO
CHO
DIS
REFRESH
MICRO-
PROCESSOR
BOOT STRAP CAPACITOR
AND DIODE REQUIRED
LIGHT
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com