Electronic Components Datasheet Search
  English  ▼

X  

HIP4086AP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP4086AP
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AP Datasheet(HTML) 4 Page - Intersil Corporation

  HIP4086AP Datasheet HTML 1Page - Intersil Corporation HIP4086AP Datasheet HTML 2Page - Intersil Corporation HIP4086AP Datasheet HTML 3Page - Intersil Corporation HIP4086AP Datasheet HTML 4Page - Intersil Corporation HIP4086AP Datasheet HTML 5Page - Intersil Corporation HIP4086AP Datasheet HTML 6Page - Intersil Corporation HIP4086AP Datasheet HTML 7Page - Intersil Corporation HIP4086AP Datasheet HTML 8Page - Intersil Corporation HIP4086AP Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HIP4086
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on xHS . . . . . . . . . -6V (Transient) to 85V (-40oC to 150oC)
Voltage on xHB . . . . . . . . . . . . . . . . . . . . VxHS -0.3V to VxHS +VDD
Voltage on xLO . . . . . . . . . . . . . . . . . . . . . VSS -0.3V to VDD +0.3V
Voltage on xHO . . . . . . . . . . . . . . . . . . . . VxHS -0.3V to VxHB +0.3V
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V to +15V
Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS + VDD
Voltage on xHS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 80V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . -40oC to 125oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . -40oC to 150oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. All voltages are relative to VSS unless otherwise specified.
3. x = A, B and C. For example, xHS refers to AHS, BHS and CHS.
Electrical Specifications
VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20K, RUV = ∞, Gate Capacitance (CGATE) = 1000pF
PARAMETER
TEST CONDITIONS
TJ = 25
oC
TJ = -40
oC TO
150oC
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS AND UNDER VOLTAGE PROTECTION
VDD Quiescent Current
xHI = 5V, xLI = 5V
2.7
3.4
4.2
2.1
4.3
mA
VDD Operating Current
f = 20kHz, 50% Duty Cycle
6.3
8.25
10.5
5
11
mA
xHB On Quiescent Current
xHI = 0V
-
40
80
-
100
µA
xHB Off Quiescent Current
xHI = VDD
0.6
0.8
1.3
0.5
1.4
mA
xHB Operating Current
f = 20kHz, 50% Duty Cycle
0.7
0.9
1.3
-
2.0
mA
Qpump Output Voltage
No Load
11.5
12.5
14
10.5
14.5
V
Qpump Output Current
VxHS = 12V, VxHB = 22V
50
100
130
-
140
µA
xHB, xHS Leakage Current
VxHS = 80V, VxHB = 93V
7
24
45
-
50
µA
VDD Rising Undervoltage Threshold
RUV open
6.2
7.1
8.0
6.1
8.1
V
VDD Falling Undervoltage Threshold
RUV open
5.75
6.6
7.5
5.6
7.6
V
Minimum Undervoltage Threshold
RUV = VDD
5
6.2
6.8
4.9
6.9
V
INPUT PINS: ALI, BLI, CLI, AHI, BHI, CHI, AND DIS
Low Level Input Voltage
-
-
1.0
-
0.8
V
High Level Input Voltage
2.5
-
-
2.7
-
V
Input Voltage Hysteresis
-
35
-
-
-
mV
Low Level Input Current
VIN = 0V
60
100
135
55
140
µA
High Level Input Current
VIN = 5V
-1
-
+1
-10
+10
µA
GATE DRIVER OUTPUT PINS: ALO, BLO, CLO, AHO, BHO, AND CHO
Low Level Output Voltage (VOUT - VSS)ISINKING = 30mA
-
100
-
-
200
mV
Peak Turn-On Current
VOUT = 0V
0.3
0.5
0.7
-
1.0
A
Peak Turn-Off Current
VOUT = 12V
0.7
1.1
1.5
0.5
1.7
A
HIP4086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com