Electronic Components Datasheet Search
  English  ▼

X  

RD150EB2 Datasheet(PDF) 8 Page - NEC

Part # RD150EB2
Description  500 mW DHD ZENER DIODE DO-35
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD150EB2 Datasheet(HTML) 8 Page - NEC

Back Button RD150EB2 Datasheet HTML 4Page - NEC RD150EB2 Datasheet HTML 5Page - NEC RD150EB2 Datasheet HTML 6Page - NEC RD150EB2 Datasheet HTML 7Page - NEC RD150EB2 Datasheet HTML 8Page - NEC RD150EB2 Datasheet HTML 9Page - NEC RD150EB2 Datasheet HTML 10Page - NEC RD150EB2 Datasheet HTML 11Page - NEC RD150EB2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RD2.0E to RD200E
8
0.1
0.08
0.06
0.04
0.02
0
– 0.02
– 0.04
– 0.06
– 0.08
0
4
8
12 16 20242832 36 40 44
– 40
– 32
– 24
– 16
– 8
0
8
16
24
32
40
RD2.0E to RD39E
mV/˚C
%/˚C
VZ – Zener Voltage – V
TYP.
Fig. 14 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
0.12
0.11
0.10
0.09
0
120 130
0
VZ – Zener Voltage – V
TYP.
Fig. 16 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
0.08
0.07
0.06
RD130E to RD200E
mV/˚C
%/˚C
140 150 160 170 180 190 200
100
120
140
160
180
200
220
0.1
0
0
40
60
80
100
120
VZ – Zener Voltage – V
TYP.
Fig. 15 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
%/˚C
mV/˚C
RD34E to RD120E
0.09
0.08
0.07
0.06
0.05
40
50
60
70
80
90 100 110 120
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com