Electronic Components Datasheet Search
  English  ▼

X  

HIP6004B Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP6004B
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004B Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP6004B Datasheet HTML 4Page - Intersil Corporation HIP6004B Datasheet HTML 5Page - Intersil Corporation HIP6004B Datasheet HTML 6Page - Intersil Corporation HIP6004B Datasheet HTML 7Page - Intersil Corporation HIP6004B Datasheet HTML 8Page - Intersil Corporation HIP6004B Datasheet HTML 9Page - Intersil Corporation HIP6004B Datasheet HTML 10Page - Intersil Corporation HIP6004B Datasheet HTML 11Page - Intersil Corporation HIP6004B Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
85
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
7585 Irvine Center Drive
Suite 100
Irvine, CA 92618
TEL: (949) 341-7000
FAX: (949) 341-7123
Intersil Corporation
2401 Palm Bay Rd.
Palm Bay, FL 32905
TEL: (321) 724-7000
FAX: (321) 724-7946
EUROPE
Intersil Europe Sarl
Ave. William Graisse, 3
1006 Lausanne
Switzerland
TEL: +41 21 6140560
FAX: +41 21 6140579
ASIA
Intersil Corporation
Unit 1804 18/F Guangdong Water Building
83 Austin Road
TST, Kowloon Hong Kong
TEL: +852 2723 6339
FAX: +852 2730 1433
HIP6004B DC-DC Converter Application Circuit
Figure 11 shows an application circuit of a DC-DC
Converter for an Intel Pentium Pro microprocessor.
Detailed information on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found
in Application Note AN9672. Although the Application Note
details the HIP6004, the same evaluation platform can be
used to evaluate the HIP6004B.
+12V
+VO
PGND
HIP6004B
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
CIN
L2
COUT
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
2.2nF
8.2nF
20K
1.33K
3
µH
5x 1000
µF
9 x 1000
µF
0.1
µF
LGATE
UGATE
OCSET
PHASE
BOOT
15
D1
Q1
Q2
2N6394
1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
COUT - Each 1000µF 6.3W VDC, Sanyo MV-GX or Equivalent.
CIN - Each 330µF 25W VDC, Sanyo MV-GX or Equivalent.
L2 - Core: Micrometals T50-52B; Each Winding: 10 Turns of 16AWG.
L1 - Core: Micrometals T50-52; Winding: 5 Turns of 18AWG.
D1 - 1N4148 or Equivalent.
D2 - 3A, 40V Schottky, Motorola MBR340 or Equivalent.
FIGURE 11. PENTIUM PRO DC-DC CONVERTER
8
VID4
L1 - 1
µH
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com