Electronic Components Datasheet Search
  English  ▼

X  

HIP6006CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6006CB
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6006CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6006CB Datasheet HTML 2Page - Intersil Corporation HIP6006CB Datasheet HTML 3Page - Intersil Corporation HIP6006CB Datasheet HTML 4Page - Intersil Corporation HIP6006CB Datasheet HTML 5Page - Intersil Corporation HIP6006CB Datasheet HTML 6Page - Intersil Corporation HIP6006CB Datasheet HTML 7Page - Intersil Corporation HIP6006CB Datasheet HTML 8Page - Intersil Corporation HIP6006CB Datasheet HTML 9Page - Intersil Corporation HIP6006CB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2-129
conduction losses are the largest component of power
dissipation for both the upper and the lower MOSFETs.
These losses are distributed between the two MOSFETs
according to duty factor (see the equations below). Only the
upper MOSFET has switching losses, since the Schottky
rectifier clamps the switching node before the synchronous
rectifier turns on.
These equations assume linear voltage-current transitions
and do not adequately model power loss due the reverse-
recovery of the lower MOSFETs body diode. The
gate-charge losses are dissipated by the HIP6006 and don't
heat the MOSFETs. However, large gate-charge increases
the switching interval, tSW which increases the upper
MOSFET switching losses. Ensure that both MOSFETs are
within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal-resistance specifications. A separate
heatsink may be necessary depending upon MOSFET
power, package type, ambient temperature and air flow.
Standard-gate MOSFETs are normally recommended for
use with the HIP6006. However, logic-level gate MOSFETs
can be used under special circumstances. The input voltage,
upper gate drive level, and the MOSFETs absolute gate-to-
source voltage rating determine whether logic-level
MOSFETs are appropriate.
Figure 9 shows the upper gate drive (BOOT pin) supplied by
a bootstrap circuit from VCC. The boot capacitor, CBOOT
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the lower MOSFET, Q2
turns on. A logic-level MOSFET can only be used for Q1 if
the MOSFETs absolute gate-to-source voltage rating
exceeds the maximum voltage applied to VCC. For Q2, a
logic-level MOSFET can be used if its absolute gate-to-
source voltage rating exceeds the maximum voltage applied
to PVCC.
Figure 10 shows the upper gate drive supplied by a direct
connection to VCC. This option should only be used in
converter systems where the main input voltage is +5 VDC
or less. The peak upper gate-to-source voltage is
approximately VCC less the input supply. For +5V main
power and +12 VDC for the bias, the gate-to-source voltage
of Q1 is 7V. A logic-level MOSFET is a good choice for Q1
and a logic-level MOSFET can be used for Q2 if its absolute
gate-to-source voltage rating exceeds the maximum voltage
applied to PVCC.
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor
swing during the dead time between turning off the lower
MOSFET and turning on the upper MOSFET. The diode must
be a Schottky type to prevent the lossy parasitic MOSFET
body diode from conducting. It is acceptable to omit the diode
and let the body diode of the lower MOSFET clamp the
negative inductor swing, but efficiency will drop one or two
percent as a result. The diode's rated reverse breakdown
voltage must be greater than the maximum input voltage.
PUPPER = IO
2 x r
DS(ON) x D +
1
2
Io x VIN x tSW x Fs
PLOWER = IO
2 x r
DS(ON) x (1 - D)
Where: D is the duty cycle = VO / VIN,
tSW is the switching interval, and
Fs is the switching frequency.
+12V
PGND
HIP6006
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR +12V
FIGURE 9. UPPER GATE DRIVE - BOOTSTRAP OPTION
NOTE:
VG-S ≈ VCC - VD
NOTE:
VG-S ≈ PVCC
CBOOT
DBOOT
Q1
Q2
PVCC
+5V
OR +12V
D2
+
-
VD
+
-
+12V
PGND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR LESS
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
NOTE:
VG-S ≈ VCC - 5V
NOTE:
VG-S ≈ PVCC
Q1
Q2
PVCC
+5V
OR +12V
D2
HIP6006
GND
+
-
HIP6006



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com