Electronic Components Datasheet Search
  English  ▼

X  

HIP6007CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6007CB
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6007CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6007CB Datasheet HTML 2Page - Intersil Corporation HIP6007CB Datasheet HTML 3Page - Intersil Corporation HIP6007CB Datasheet HTML 4Page - Intersil Corporation HIP6007CB Datasheet HTML 5Page - Intersil Corporation HIP6007CB Datasheet HTML 6Page - Intersil Corporation HIP6007CB Datasheet HTML 7Page - Intersil Corporation HIP6007CB Datasheet HTML 8Page - Intersil Corporation HIP6007CB Datasheet HTML 9Page - Intersil Corporation HIP6007CB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-136
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
- typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid over-current tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction tempera-
ture.
2. The minimum IOCSET from the specification table.
3. Determine
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. These interconnecting impedances should be
minimized by using wide, short printed circuit traces. The
critical components should be located as close together as
possible using ground plane construction or single point
grounding.
Figure 5 shows the critical power components of the
converter. To minimize the voltage overshoot the
interconnecting wires indicated by heavy lines should be
part of ground or power plane in a printed circuit board. The
components shown in Figure 6 should be located as close
together as possible. Please note that the capacitors CIN
and CO each represent numerous physical capacitors.
Locate the HIP6007 within 3 inches of the MOSFETs, Q1.
The circuit traces for the MOSFETs’ gate and source
connections from the HIP6007 must be sized to handle up to
1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS PIN and locate the capacitor, Css
close to the SS pin because the internal current source is
only 10
µA. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
FIGURE 4. OVER-CURRENT OPERATION
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
I
PEAK
I
OCSET
R
OCSET
•
r
DS ON
()
---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX
()
∆I
() 2
⁄
+
>
FIGURE 5. PRINTED CIRCUIT BOARD
POWER AND GROUND PLANES OR ISLANDS
LO
CO
UGATE
PHASE
Q1
D2
VIN
VOUT
RETURN
HIP6007
CIN
+12V
HIP6007
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
D2
PHASE
FIGURE 6. PRINTED CIRCUIT BOARD
SMALL SIGNAL LAYOUT GUIDELINES
+VIN
CBOOT
CVCC
CSS
HIP6007



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com