Electronic Components Datasheet Search
  English  ▼

X  

HIP6008 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6008
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6008 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6008 Datasheet HTML 1Page - Intersil Corporation HIP6008 Datasheet HTML 2Page - Intersil Corporation HIP6008 Datasheet HTML 3Page - Intersil Corporation HIP6008 Datasheet HTML 4Page - Intersil Corporation HIP6008 Datasheet HTML 5Page - Intersil Corporation HIP6008 Datasheet HTML 6Page - Intersil Corporation HIP6008 Datasheet HTML 7Page - Intersil Corporation HIP6008 Datasheet HTML 8Page - Intersil Corporation HIP6008 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HIP6008
Buck Pulse-Width Modulator (PWM)
Controller and Output Voltage Monitor
The HIP6008 provides complete control and protection for a
DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive an
N-Channel MOSFET in a standard buck topology. The
HIP6008 integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6008 includes a 4-Input Digital-
to-Analog Converter (DAC) that adjusts the output voltage
from 2.0VDC to 3.5VDC in 0.1V increments. The precision
reference and voltage-mode regulator hold the selected
output voltage to within
±1.5% over temperature and line
voltage variations.
The HIP6008 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes a
200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6008 monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The HIP6008
protects against over-current conditions by inhibiting PWM
operation. Built-in over-voltage protection triggers an
external SCR to crowbar the input supply. The HIP6008
monitors the current by using the rDS(ON) of the upper
MOSFET which eliminates the need for a current sensing
resistor.
Pinout
HIP6008
(SOIC)
TOP VIEW
Features
• Drives N-Channel MOSFET
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
-
±1.5% Over Line Voltage and Temperature
• 4 Bit Digital-to-Analog Output Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . .2.0VDC to 3.5VDC
- 0.1V Binary Steps
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element
- Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and
Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Alpha™ is a trademark of Digital Equipment Corporation.
Pentium® is a registered trademark of Intel Corporation.
PowerPC™ is a trademark of IBM.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OCSET
SS
VID0
VID1
VID2
VID3
FB
COMP
VSEN
VCC
BOOT
UGATE
PHASE
PGOOD
GND
RT/OVP
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6008CB
0 to 70
16 Ld SOIC
M16.15
Data Sheet
March 2000
File Number
4281.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HIP6008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6002 INTERSIL-HIP6002 Datasheet
211Kb / 12P
Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6002CB INTERSIL-HIP6002CB Datasheet
211Kb / 12P
Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6003CB INTERSIL-HIP6003CB Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
More results

Similar Description - HIP6008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
March 2000
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com