Electronic Components Datasheet Search
  English  ▼

X  

HIP6013 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6013
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6013 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6013 Datasheet HTML 3Page - Intersil Corporation HIP6013 Datasheet HTML 4Page - Intersil Corporation HIP6013 Datasheet HTML 5Page - Intersil Corporation HIP6013 Datasheet HTML 6Page - Intersil Corporation HIP6013 Datasheet HTML 7Page - Intersil Corporation HIP6013 Datasheet HTML 8Page - Intersil Corporation HIP6013 Datasheet HTML 9Page - Intersil Corporation HIP6013 Datasheet HTML 10Page - Intersil Corporation HIP6013 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2-171
Schottky Selection
Rectifier D2 conducts when the upper MOSFET Q1 is off.
The diode should be a Schottky type for low power losses.
The power dissipation in the Schottky rectifier is
approximated by:
In addition to power dissipation, package selection and
heatsink requirements are the main design tradeoffs in
choosing the Schottky rectifier. Since the three factors are
interrelated, the selection process is an iterative procedure.
The maximum junction temperature of the rectifier must
remain below the manufacturer’s specified value, typically
125oC. By using the package thermal resistance specification
and the Schottky power dissipation equation (shown above),
the junction temperature of the rectifier can be estimated. Be
sure to use the available airflow and ambient temperature to
determine the junction temperature rise.
+
-
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
+12V
HIP6013
GND
UGATE
PHASE
BOOT
VCC
+5V OR LESS
NOTE:
VG-S ≈ VCC - 5V
Q1
D2
PCOND = IO x Vf x (1 - D)
Where: D is the duty cycle = VO/VIN, and
Vf is the schottky forward voltage drop
HIP6013



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com