Electronic Components Datasheet Search
  English  ▼

X  

HIP6015CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6015CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6015CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6015CB Datasheet HTML 4Page - Intersil Corporation HIP6015CB Datasheet HTML 5Page - Intersil Corporation HIP6015CB Datasheet HTML 6Page - Intersil Corporation HIP6015CB Datasheet HTML 7Page - Intersil Corporation HIP6015CB Datasheet HTML 8Page - Intersil Corporation HIP6015CB Datasheet HTML 9Page - Intersil Corporation HIP6015CB Datasheet HTML 10Page - Intersil Corporation HIP6015CB Datasheet HTML 11Page - Intersil Corporation HIP6015CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HIP6015 DC-DC Converter Application Circuit
Figure 11 shows an application circuit of a DC-DC Converter
for an Intel Pentium Pro microprocessor. Detailed
information on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found
in application note AN9706. Although the Application Note
details the HIP6005, the same evaluation platform can be
used to evaluate the HIP6015. Intersil AnswerFAX (321-724-
7800) doc. #99706.
+12V
+VO
HIP6015
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
L1 - 1µH
C1
L2
C0
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
2.2nF
8.2nF
20K
1K
7
µH
5x 1000
µF
9x 1000
µF
0.082
µF
UGATE
OCSET
PHASE
BOOT
20
D1
Q1
2N6394
1.1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
C0 - C9 - Each 1000µF 6.3WVDC, Sanyo MV-GX or Equivalent
C1 - C5 - Each 330µF 25WVDC, Sanyo MV-GX or Equivalent
L2 - Core: Micrometals T60-52; Each Winding: 14 Turns of 17AWG
L1 - Core: Micrometals T50-52; Winding: 6 Turns of 18AWG
D1 - 1N4148 or Equivalent
D2 - 25A, 35V Schottky, Motorola MBR2535CTL or Equivalent
Q1 - Intersil MOSFET; RFP70N03
FIGURE 11. PENTIUM PRO DC-DC CONVERTER
VID4
8
HIP6015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com