Electronic Components Datasheet Search
  English  ▼

X  

HIP6016 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6016
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6016 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6016 Datasheet HTML 1Page - Intersil Corporation HIP6016 Datasheet HTML 2Page - Intersil Corporation HIP6016 Datasheet HTML 3Page - Intersil Corporation HIP6016 Datasheet HTML 4Page - Intersil Corporation HIP6016 Datasheet HTML 5Page - Intersil Corporation HIP6016 Datasheet HTML 6Page - Intersil Corporation HIP6016 Datasheet HTML 7Page - Intersil Corporation HIP6016 Datasheet HTML 8Page - Intersil Corporation HIP6016 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2-198
Simplified Power System Diagram
Typical Application
PWM
+5VIN
VOUT1
Q1
Q2
VOUT2
Q3
VOUT3
LINEAR
LINEAR
HIP6016
REGULATOR
CONTROLLER
CONTROLLER
+3.3VIN
FIGURE 2.
+3.3VIN
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1
Q2
POWERGOOD
FB
COMP
1.3V TO 3.5V
GATE3
VSEN3
VOUT2
COUT2
1.5V
2.5V
COUT3
CIN
COUT1
Q3
LOUT1
VOUT3
VOUT2
FAULT
VSEN2
CSS
RT
VIN2
HIP6016
FIGURE 3.
HIP6016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com