Electronic Components Datasheet Search
  English  ▼

X  

HIP6019 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6019 Datasheet HTML 4Page - Intersil Corporation HIP6019 Datasheet HTML 5Page - Intersil Corporation HIP6019 Datasheet HTML 6Page - Intersil Corporation HIP6019 Datasheet HTML 7Page - Intersil Corporation HIP6019 Datasheet HTML 8Page - Intersil Corporation HIP6019 Datasheet HTML 9Page - Intersil Corporation HIP6019 Datasheet HTML 10Page - Intersil Corporation HIP6019 Datasheet HTML 11Page - Intersil Corporation HIP6019 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2-259
immediately sets the fault latch. A sequence of three over-
current fault signals also sets the fault latch. A comparator
indicates when CSS is fully charged (UP signal), such that an
under-voltage event on either linear output (FB3 or FB4) is
ignored until after the soft-start interval (approximately T3 in
Figure 6). At start-up, this allows VOUT3 and VOUT4 to slew
up over increased time intervals, without generating a fault.
Cycling the bias input voltage (+12VIN on the VCC pin) off
then on resets the counter and the fault latch.
Over-Voltage Protection
During operation, a short on the upper MOSFET (Q1)
causes VOUT1 to increase. When the output exceeds the
over-voltage threshold of 115% of DACOUT, the over-voltage
comparator trips to set the fault latch and turns Q2 on as
required in order to regulate VOUT1 to 1.15 x DACOUT. This
blows the input fuse and reduces VOUT1. The fault latch
raises the FAULT/RT pin close to VCC potential.
A separate over-voltage circuit provides protection during
the initial application of power. For voltages on the VCC pin
below the power-on reset (and above ~4V), VOUT1 is
monitored for voltages exceeding 1.26V. Should VSEN1
exceed this level, the lower MOSFET (Q2) is driven on, as
needed to regulate VOUT1 to 1.26V.
Over-Current Protection
All outputs are protected against excessive over-currents.
Both PWM controllers use the upper MOSFET’s
on-resistance, rDS(ON) to monitor the current for protection
against shorted outputs. The linear regulator monitors the
current of the integrated power device and signals an over-
current condition for currents in excess of 230mA.
Additionally, both the linear regulator and the linear
controller monitor FB3 and FB4 for under-voltage to protect
against excessive currents.
Figures 8 and 9 illustrate the over-current protection with an
overload on OUT2. The overload is applied at T0 and the
current increases through the output inductor (LOUT2). At time
T1, the OVER-CURRENT2 comparator trips when the voltage
across Q3 (ID • rDS(ON)) exceeds the level programmed by
ROCSET. This inhibits all outputs, discharges the soft-start
capacitor (CSS) with a 11µA current sink, and increments the
counter. CSS recharges at T2 and initiates a soft-start cycle
with the error amplifiers clamped by soft-start. With OUT2 still
overloaded, the inductor current increases to trip the over-
current comparator. Again, this inhibits all outputs, but the
soft-start voltage continues increasing to 4V before
discharging. The counter increments to 2. The soft-start cycle
repeats at T3 and trips the over-current comparator. The SS
pin voltage increases to 4V at T4 and the counter increments to
3. This sets the fault latch to disable the converter. The fault is
reported on the FAULT/RT pin.
The PWM1 controller and the linear regulator operate in the
same way as PWM2 to over-current faults. Additionally, the
linear regulator and linear controller monitor the feedback
pins for an under-voltage. Should excessive currents cause
FB3 or FB4 to fall below the linear under-voltage threshold,
the LUV signal sets the over-current latch if CSS is fully
charged. Blanking the LUV signal during the CSS charge
interval allows the linear outputs to build above the under-
voltage threshold during normal start-up. Cycling the bias
input power off then on resets the counter and the fault latch.
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
OV
OC2
LUV
+
-
+
-
0.15V
4V
SS
VCC
FAULT
R
FIGURE 7. FAULT LOGIC - SIMPLIFIED SCHEMATIC
UP
OVER
CURRENT
LATCH
INHIBIT
S
R
Q
S
0A
0V
2V
4V
FIGURE 8. OVER-CURRENT OPERATION
TIME
T1
T2
T3
T0
T4
0V
10V
FAULT
REPORTED
COUNT
= 1
COUNT
= 2
COUNT
= 3
OVERLOAD
APPLIED
HIP6019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com