Electronic Components Datasheet Search
  English  ▼

X  

ADG636 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG636
Description  1 pC Charge Injection, 100 pA Leakage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG636 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG636 Datasheet HTML 8Page - Analog Devices ADG636 Datasheet HTML 9Page - Analog Devices ADG636 Datasheet HTML 10Page - Analog Devices ADG636 Datasheet HTML 11Page - Analog Devices ADG636 Datasheet HTML 12Page - Analog Devices ADG636 Datasheet HTML 13Page - Analog Devices ADG636 Datasheet HTML 14Page - Analog Devices ADG636 Datasheet HTML 15Page - Analog Devices ADG636 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG636
Rev. B | Page 13 of 16
TEST CIRCUITS
IDS
V1
SD
VS
RON = V1/IDS
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
SD
VD
ID (ON)
A
NC
NC = NO CONNECT
Figure 14. On Resistance
Figure 15. Off Leakage
Figure 16. On Leakage
VS
VDD
VDD
EN
A0
A1
50Ω
2.4V
0.1µF
0.1µF
S1A
VSS
GND
D1
VSS
VS1A
VOUT
RL
300Ω
CL
35pF
S1B
VS1B
50%
50%
90%
90%
ADDRESS
DRIVE (VIN)
VOUT
tTRANSITION
0V
3V
tTRANSITION
Figure 17. Transition Time, tTRANSITION
50Ω
RL
300Ω
CL
35pF
VS
EN
A1
A0
2.4V
S1A
GND
D1
VS
VOUT
S1B
tBBM
80%
ADDRESS
DRIVE (VIN)
VOUT
0V
3V
VDD
VDD
0.1µF
0.1µF
VSS
VSS
80%
Figure 18. Break-Before-Make Delay, tBBM
VDD
VDD
EN
A1
A0
S1A
VSS
GND
D1
VSS
VS
VOUT
RL
300Ω
CL
35pF
S1B
VS
50Ω
50%
90%
90%
ENABLE
DRIVE (VIN)
OUTPUT
tON (EN)
0V
3V
tOFF (EN)
VOUT
0V
0.1µF
0.1µF
50%
Figure 19. Enable Delay, tON (EN), tOFF (EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com