Electronic Components Datasheet Search
  English  ▼

X  

HIP6311CB Datasheet(PDF) 16 Page - Intersil Corporation

Part # HIP6311CB
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6311CB Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HIP6311CB Datasheet HTML 9Page - Intersil Corporation HIP6311CB Datasheet HTML 10Page - Intersil Corporation HIP6311CB Datasheet HTML 11Page - Intersil Corporation HIP6311CB Datasheet HTML 12Page - Intersil Corporation HIP6311CB Datasheet HTML 13Page - Intersil Corporation HIP6311CB Datasheet HTML 14Page - Intersil Corporation HIP6311CB Datasheet HTML 15Page - Intersil Corporation HIP6311CB Datasheet HTML 16Page - Intersil Corporation HIP6311CB Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
dissipated by the Driver IC and don't heat the MOSFETs.
However, large gate-charge increases the switching time,
tSW which increases the upper MOSFET switching losses.
Ensure that both MOSFETs are within their maximum
junction temperature at high ambient temperature by
calculating the temperature rise according to package
thermal-resistance specifications. A separate heatsink may
be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
A diode, anode to ground, may be placed across Q2 and Q4.
These diodes function as a clamp that catches the negative
inductor swing during the dead time between the turn off of
the lower MOSFETs and the turn on of the upper MOSFETs.
The diodes must be a Schottky type to prevent the lossy
parasitic MOSFET body diode from conducting. It is usually
acceptable to omit the diodes and let the body diodes of the
lower MOSFETs clamp the negative inductor swing, but
efficiency could drop one or two percent as a result. The
diode's rated reverse breakdown voltage must be greater
than the maximum input voltage.
P
UPPER
I
O
2
r
DS ON
()
×
V
OUT
×
V
IN
------------------------------------------------------------
I
O
V
IN
×
t
SW
×
F
SW
×
2
----------------------------------------------------------
+
=
P
LOWER
I
O
2
r
DS ON
()
×
V
IN
V
OUT
–
()
×
V
IN
---------------------------------------------------------------------------------
=
HIP6311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com