Electronic Components Datasheet Search
  English  ▼

X  

HIP6503 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6503
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6503 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6503 Datasheet HTML 1Page - Intersil Corporation HIP6503 Datasheet HTML 2Page - Intersil Corporation HIP6503 Datasheet HTML 3Page - Intersil Corporation HIP6503 Datasheet HTML 4Page - Intersil Corporation HIP6503 Datasheet HTML 5Page - Intersil Corporation HIP6503 Datasheet HTML 6Page - Intersil Corporation HIP6503 Datasheet HTML 7Page - Intersil Corporation HIP6503 Datasheet HTML 8Page - Intersil Corporation HIP6503 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
DRV2 Output Drive Current
IDRV2
5VSB = 5V, RSEL = 1kΩ
220
-
-
mA
DRV2 Output Impedance
RSEL = 10kΩ
-
200
-
Ω
3.3VDUAL/3.3VSB LINEAR REGULATOR (VOUT3)
Sleep State Regulation
-
-
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
-
3.3
-
V
3V3DL Undervoltage Rising Threshold
-
2.739
-
V
3V3DL Undervoltage Hysteresis
-99-
mV
3V3DLSB Output Drive Current
I3V3DLSB
5VSB = 5V
5
10
-
mA
DLA Output Impedance
-90-
Ω
2.5VCLK LINEAR REGULATOR (VOUT4)
Regulation
-
-
2.0
%
VCLK Nominal Voltage Level
VVCLK
-
2.5
-
V
VCLK Undervoltage Rising Threshold
-
2.075
-
V
VCLK Undervoltage Hysteresis
-75-
mV
VCLK Output Current (Note 4)
IVCLK
V3V3 = 3.3V
500
800
-
mA
5VDUAL SWITCH CONTROLLER (VOUT5)
5VDL Undervoltage Rising Threshold
-
4.150
-
V
5VDL Undervoltage Hysteresis
-
150
-
mV
5VDLSB Output Drive Current
I5VDLSB
5VDLSB = 4V, 5VSB = 5V
-20
-
-40
mA
5VDLSB Pull-Up Impedance to 5VSB
-
350
-
Ω
TIMING INTERVALS
Active State Assessment Past Input UV
Thresholds (Note 5)
20
25
30
ms
Active-to-Sleep Control Input Delay
-
200
-
µs
CONTROL I/O (S3, S5, EN5VDL, FAULT/MSEL)
High Level Input Threshold
-
-
2.2
V
Low Level Input Threshold
0.8
-
-
V
S3, S5 Internal Pull-up Impedance to 5VSB
-
50
-
k
Ω
FAULT Output Impedance
FAULT = high
-
100
-
Ω
TEMPERATURE MONITOR
Fault-Level Threshold (Note 6)
125
-
-
oC
Shutdown-Level Threshold (Note 6)
-
155
-
oC
NOTES:
2. Sleep-State Only for 3.3V Setting
3. Parameters not guaranteed for 5VSB < 4.0V.
4. At Ambient Temperatures Less Than 50oC.
5. Guaranteed by Correlation.
6. Guaranteed by Design.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3 (Continued)
PARAMETER (Note 2)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com