Electronic Components Datasheet Search
  English  ▼

X  

ADG731 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG731 Datasheet HTML 2Page - Analog Devices ADG731 Datasheet HTML 3Page - Analog Devices ADG731 Datasheet HTML 4Page - Analog Devices ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
–6–
ADG725/ADG731
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG725/ADG731 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V to +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.3 V to –7 V
Analog Inputs
2 . . . . . . . . . . . . . . V
SS – 0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Thermal Impedance (4-Layer Board)
48-lead LFCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
°C/W
48-lead TQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . 54.6
°C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Overvoltages at SCLK,
SYNC, DIN, S, or D will be clamped by internal diodes.
Current should be limited to the maximum ratings given.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG725BCP
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG725BCP-REEL
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG725BCP-REEL7
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG725BSU
–40
oC to +85oCThin Plastic Quad Flat Package (TQFP)
SU-48
ADG725BSU-REEL
–40
oC to +85oCThin Plastic Quad Flat Package (TQFP)
SU-48
ADG731BCP
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG731BCP-REEL
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG731BCP-REEL7
–40
oC to +85oCLead Frame Chip-Scale Package (LFCSP)
CP-48
ADG731BSU
–40
oC to +85oCThin Plastic Quad Flat Package (TQFP)
SU-48
ADG731BSU-REEL
–40
oC to +85oCThin Plastic Quad Flat Package (TQFP)
SU-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com