Electronic Components Datasheet Search
  English  ▼

X  

HIP6503CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6503CB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6503CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6503CB Datasheet HTML 6Page - Intersil Corporation HIP6503CB Datasheet HTML 7Page - Intersil Corporation HIP6503CB Datasheet HTML 8Page - Intersil Corporation HIP6503CB Datasheet HTML 9Page - Intersil Corporation HIP6503CB Datasheet HTML 10Page - Intersil Corporation HIP6503CB Datasheet HTML 11Page - Intersil Corporation HIP6503CB Datasheet HTML 12Page - Intersil Corporation HIP6503CB Datasheet HTML 13Page - Intersil Corporation HIP6503CB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
high-frequency decoupling capacitors should be placed as
close as possible to the load they are decoupling; the ones
decoupling the controller close to the controller pins, the
ones decoupling the load close to the load connector or the
load itself (if embedded). Even though bulk capacitance
(aluminum electrolytics or tantalum capacitors) placement is
not as critical as the high-frequency capacitor placement,
having these capacitors close to the load they serve is
preferable.
The critical small signal components include the soft-start
capacitor, CSS, as well as the memory selection resistor,
RSEL. Locate these components close to the respective pins
of the control IC, and connect them to ground through a via
placed close to the ground pad. Minimize any leakage
current paths from these nodes, since the internal current
sources are only 10s of microamperes (10
µA to 40µA).
A multi-layer printed circuit board is recommended. Figure
10 shows the connections of most of the components in the
converter. Note that the individual capacitors shown each
could represent numerous physical capacitors. Dedicate one
solid layer for a ground plane and make all critical
component ground connections through vias placed as close
to the component terminal as possible. Dedicate another
solid layer as a power plane and break this plane into
smaller islands of common voltage levels. Ideally, the power
plane should support both the input power and output power
nodes. Use copper filled polygons on the top and bottom
circuit layers to create power islands connecting the filtering
components (output capacitors) and the loads. Use the
remaining printed circuit layers for small signal wiring.
Component Selection Guidelines
Output Capacitors Selection
The output capacitors for all outputs should be selected to
allow the output voltage to meet the dynamic regulation
requirements of active state operation (S0, S1). The load
transient for the various microprocessor system’s
components may require high quality capacitors to supply
the high slew rate (di/dt) current demands. Thus, it is
recommended that the output capacitors be selected for
transient load regulation, paying attention to their parasitic
components (ESR, ESL).
Also, during the transition between active and sleep states,
there is a short interval of time during which none of the
power pass elements are conducting - during this time the
output capacitors have to supply all the output current. The
output voltage drop during this brief period of time can be
easily approximated with the following formula:
, where
∆VOUT - output voltage drop
ESROUT - output capacitor bank ESR
IOUT - output current during transition
COUT - output capacitor bank capacitance
tt - active-to-sleep or sleep-to-active transition time (10µs typ.)
The output voltage drop is heavily dependent on the ESR
(equivalent series resistance) of the output capacitor bank,
the choice of capacitors should be such as to maintain the
output voltage above the lowest allowable regulation level.
VCLK (VOUT4) Output Capacitors Selection
The output capacitor for the VCLK linear regulator provides
loop stability. Figure 11 outlines a capacitance vs. equivalent
series resistance envelope. For stable operation and
optimized performance, select a COUT4 capacitor or
combination of capacitors with characteristics within the
shown envelope.
VOUT1
CHF1
FIGURE 10. PRINTED CIRCUIT BOARD ISLANDS
VOUT3
Q1
Q2
Q3
Q4
CSS
+12VIN
CIN
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT/POWER PLANE LAYER
CBULK2
HIP6503
C12V
VOUT2
VOUT5
SS
GND
VSEN2
5VDLSB
DRV2
3V3DLSB
KEY
12V
5VSB
+5VSB
DLA
Q5
CBULK5
C5VSB
CHF3
CHF5
5VDL
+5VIN
CHF2
+3.3VIN
3V3DL
5V
3V3
1V8SB
CBULK4
CHF4
CBULK1
VCLK
CBULK3
1V8IN
V
OUT
∆
I
OUT
ESR
OUT
t
t
C
OUT
----------------
+



×
=
HIP6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com