Electronic Components Datasheet Search
  English  ▼

X  

HIP6601 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6601
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6601 Datasheet HTML 1Page - Intersil Corporation HIP6601 Datasheet HTML 2Page - Intersil Corporation HIP6601 Datasheet HTML 3Page - Intersil Corporation HIP6601 Datasheet HTML 4Page - Intersil Corporation HIP6601 Datasheet HTML 5Page - Intersil Corporation HIP6601 Datasheet HTML 6Page - Intersil Corporation HIP6601 Datasheet HTML 7Page - Intersil Corporation HIP6601 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE). . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE . . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to VPVCC + 0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . .3kV
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .200V
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125oC
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Thermal Resistance
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
113
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
HIP6601, fPWM = 1MHz, VPVCC = 12V
-
4.4
6.2
mA
HIP6603, fPWM = 1MHz, VPVCC = 12V
-
2.5
3.6
mA
Power Supply Current
IPVCC
HIP6601, fPWM = 1MHz, VPVCC = 12V
-
200
430
µA
HIP6603, fPWM = 1MHz, VPVCC = 12V
-
1.8
3.3
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.9
10.0
V
VCC Falling Threshold
9.0
9.1
9.2
V
PWM INPUT
Input Current
IPWM
VPWM = 0 or 5V (See Block Diagram)
-
500
-
µA
PWM Rising Threshold
3.6
3.7
-
V
PWM Falling Threshold
-
1.3
1.4
V
UGATE Rise Time
TRUGATE
VPVCC = VVCC = 12V, 3nF load
-
20
-
ns
LGATE Rise Time
TRLGATE
VPVCC = VVCC = 12V, 3nF load
-
50
-
ns
UGATE Fall Time
TFUGATE
VPVCC = VVCC = 12V, 3nF load
-
20
-
ns
LGATE Fall Time
TFLGATE
VPVCC = VVCC = 12V, 3nF load
-
20
-
ns
UGATE Turn-Off Propagation Delay
TPDLUGATE VVCC = VPVCC = 12V, 3nF load
-
30
-
ns
LGATE Turn-Off Propagation Delay
TPDLLGATE VVCC = VPVCC = 12V, 3nF load
-
20
-
ns
Shutdown Window
1.5
-
3.6
V
Shutdown Holdoff Time
-
230
-
ns
OUTPUT
Upper Drive Source Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
2.5
3.0
Ω
VVCC = VPVCC = 12V
-
7.0
7.5
Ω
Upper Drive Sink Impedance
RUGATE
VVCC = 12V, VPVCC = 5V
-
2.3
2.8
Ω
VVCC = 12V, VPVCC = 12V
-
1.0
1.3
Ω
Lower Drive Source Impedance
RLGATE
VVCC = 12V, VPVCC = 5V
-
4.5
5.0
Ω
VVCC = 12V, VPVCC = 12V
-
9.0
9.5
Ω
Lower Drive Sink Impedance
RLGATE
VVCC = VPVCC = 12V
-
1.5
2.9
Ω
HIP6601, HIP6603



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com