Electronic Components Datasheet Search
  English  ▼

X  

HIP9010AB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP9010AB
Description  Engine Knock Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9010AB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP9010AB Datasheet HTML 4Page - Intersil Corporation HIP9010AB Datasheet HTML 5Page - Intersil Corporation HIP9010AB Datasheet HTML 6Page - Intersil Corporation HIP9010AB Datasheet HTML 7Page - Intersil Corporation HIP9010AB Datasheet HTML 8Page - Intersil Corporation HIP9010AB Datasheet HTML 9Page - Intersil Corporation HIP9010AB Datasheet HTML 10Page - Intersil Corporation HIP9010AB Datasheet HTML 11Page - Intersil Corporation HIP9010AB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4-11
Test Multiplexer
This circuit receives the positive and negative outputs out of
the two integrators, together with the outputs from different
parts of the chip. The output is controlled by the fifth
programming word of the communications protocol. This
multiplexes the switch capacitor filter output, the gain control
output as well as the antialias output.
Differential to Single-ended Converter
This signal takes the output of the two integrators (through
the test multiplexer circuit) and provides a signal that is the
sum of the two signals. This technique is used to improve the
noise immunity of the system.
Output Buffer
This output amplifier is the same as the input amplifier used
to interface to the sensors. For test purposes when we look
at the output of the antialias filter, the input amplifiers are in
the power down mode.
TABLE 4. INTERGRATE/HOLD TIMING REQUIREMENTS
DESCRIPTION
UNITS
T1 maximum rise time of the INT/HOLD signal.
45ns
T2 maximum time after INT/HOLD rises for the INOUT to
begin to intergrate.
20
µs
T3 maximum fall time of INT/HOLD signal.
45ns
T4 typical time after INT/HOLD goes low before chip
goes into hold state.
20
µs
T5 minimum INT/HOLD time during power up sequence.
1
µs
CS
INT/HOLD
FIGURE 7. POWER UP SEQUENCE
INT/HOLD
INTOUT
T1
T2
T3
T4
FIGURE 8. INTEGRATOR TIMING
HIP9010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com