Electronic Components Datasheet Search
  English  ▼

X  

HIP9020 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP9020
Description  Programmable Quad Buffer with Pre and Post Scaler Dividers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9020 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP9020 Datasheet HTML 1Page - Intersil Corporation HIP9020 Datasheet HTML 2Page - Intersil Corporation HIP9020 Datasheet HTML 3Page - Intersil Corporation HIP9020 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10-56
Absolute Maximum Ratings
Thermal Information
Supply Voltage to Pin 2, VCC (Shunt Regulator) . . . . . +24VDC Max
through 300
Ω and a Series Diode (1N4005 or Equiv.) or +5.3V
Max Direct Voltage Supply Source to VCC
Output Voltage (Sustained) to V01,V02,V03,V04 . . . . . . . . . . +24V
Output Load Current (Sink) . . . . . . . . . . . . . . . . . . . . . . . . . +15mA
Input Voltage (Through 40k
Ω, See Figure 1) . . . . . . . . . . . . . ±100V
Thermal Resistance
θ
JA
Plastic DIP and SOIC Package . . . . . . . . . . . . . . . . . . . . . 90oC/W
Maximum Package Power Dissipation up to +85oC . . . . . . . 720mW
Derate above 85oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11.1mW/oC
Operating Temperature Range . . . . . . . . . . . . . . . . -40oC to +125oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = -40
oC to +125oC, V
CC = 5V ± 0.3V, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Power Supply (VCC)
Supply Current
ICC
-12
mA
SSI Input (Test Point - T.P.A., See Figure 1)
Max. Operating Frequency
fS(MAX)
40k
Ω Source, 0.01µF Input Shunt
-
6
kHz
Input Signal Range
40k
Ω Source, 0.01µF Input Shunt
±0.25
±100
V
Input Hysteresis
40k
Ω Source, 0.01µF Input Shunt
0.15
0.45
V
Input Bias Current
40k
Ω Source, 0.01µF Input Shunt
-0.5
+0.5
µA
Other Inputs (PRSS, POSS, POSI - See Function Block Diagram)
Input Low Voltage
VIL
-
1.5
V
Input High Voltage
VIH
3.5
-
V
Input Current High
IIH
VCC = VIN = 4.7V
-
10
µA
Input Current Low
IIL
VCC = 5.3; VIN = 0.4V
-10
-
µA
PRSO Output
Output Voltage Low
VOL
VCC = 5V
-
0.4
V
Output Voltage High
VOH
VCC = 5V
4.6
-
V
Driver Outputs (V01, V02, V03, V04)
Output Clamp Voltage
ICC = 1mA
24
45
V
Output Current Limit
ISC Current Pulsed
15
30
mA
Output Leakage
VOUT = 24V
-
30
µA
Output Saturation Voltage
VSAT
IOUT = 15mA
-
1
V
IOUT = 1mA
-
0.4
V
FIGURE 1. TYPICAL AUTOMOTIVE APPLICATION CIRCUIT
FIGURE 2. TYPICAL OUTPUT DRIVER SATURATED “ON”
CHARACTERISTIC
SPEED
SENSOR
INPUT
OPTIONAL
OUTPUT
OUTPUTS
(OPEN NPN
PRESCALER
SELECT
INPUTS
COLLECTORS)
VCC
SSI
PRSO
POSI
BUF
GND
VO1
VO2
VO3
VO4
A
B
C
POSS
40K
0.01
µF
1K
1N4005
300
TYP. 5.7V
VBATT
OUTPUT TO
SPEEDOMETER
ODOMETER,
SPEED
CONTROL, ETC.
0
0.1
0.2
0.3
OUTPUT VOLTAGE VOX WITH VCC = 5 V, VSAT (V)
25
20
15
10
5
0
0.4
0.5
0.6
DRIVE
LIMITED
CURRENT
OUTPUT
TA = +25
oC
SATURATED
OUTPUT
“ON” CHARAC.
Specifications HIP9020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com