Electronic Components Datasheet Search
  English  ▼

X  

ADG742 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG742
Description  CMOS Low Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG742 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG742 Datasheet HTML 4Page - Analog Devices ADG742 Datasheet HTML 5Page - Analog Devices ADG742 Datasheet HTML 6Page - Analog Devices ADG742 Datasheet HTML 7Page - Analog Devices ADG742 Datasheet HTML 8Page - Analog Devices ADG742 Datasheet HTML 9Page - Analog Devices ADG742 Datasheet HTML 10Page - Analog Devices ADG742 Datasheet HTML 11Page - Analog Devices ADG742 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG741/ADG742
Rev. A | Page 9 of 12
TEST CIRCUITS
SD
VS
V
IDS
Figure 11. On Resistance
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
Figure 12. Off Leakage
SD
VD
ID (ON)
NC
A
NC = NO CONNECT
Figure 13. On Leakage
0.1
µ F
VS
IN
SD
VDD
GND
RL
300
Ω
CL
35pF
VOUT
VDD
ADG741
ADG742
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
Figure 14. Switching Times
VS
IN
SD
VDD
GND
CL
1nF
VOUT
RS
ADG741
ADG742
VIN
VIN
VOUT
OFF
∆V
OUT
ON
QINJ = CL × ∆VOUT
VDD
Figure 15. Charge Injection
IN
SD
VDD
GND
VOUT
VIN
VS
VDD
0.1
µF
RL
50
Ω
Figure 16. Off Isolation
IN
SD
VDD
GND
VOUT
VIN
VS
VDD
0.1
µF
RL
50
Ω
Figure 17. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com