Electronic Components Datasheet Search
  English  ▼

X  

ADG752 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG752
Description  CMOS, Low Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG752 Datasheet(HTML) 7 Page - Analog Devices

  ADG752 Datasheet HTML 1Page - Analog Devices ADG752 Datasheet HTML 2Page - Analog Devices ADG752 Datasheet HTML 3Page - Analog Devices ADG752 Datasheet HTML 4Page - Analog Devices ADG752 Datasheet HTML 5Page - Analog Devices ADG752 Datasheet HTML 6Page - Analog Devices ADG752 Datasheet HTML 7Page - Analog Devices ADG752 Datasheet HTML 8Page - Analog Devices ADG752 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ADG752
–7–
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VDD
VDD
VIN
S
0.1 F
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Test Circuit 8. Bandwidth
SD
VS
RON = V1/IDS
IDS
V1
Test Circuit 1. On Resistance
SD
VS
A
VD
IS (OFF)
Test Circuit 2. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Test Circuit 3. On Leakage
Test Circuits
CHANNEL-TO-CHANNEL
CROSSTALK = 20 LOG
GND
VDD
0.1 F
VDD
S1
D
S2
VS
VOUT
NETWORK
ANALYZER
RL
50
IN
VOUT
VS
50
Test Circuit 7. Channel-to-Channel Crosstalk
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VDD
VDD
VIN
S
0.1 F
D
50
OFF ISOLATION = 20 LOG
VOUT
VS
Test Circuit 6. Off Isolation
50%
50%
50%
50%
tD
tD
0V
0V
VOUT
VIN
IN
GND
RL
300
CL
35pF
VOUT
VDD
0.1 F
VDD
S1
D
S2
VS
D2
VIN
Test Circuit 5. Break-Before-Make Time Delay, tD
VS
IN
GND
RL
300
CL
35pF
VOUT
VDD
0.1 F
VDD
S1
D
S2
90%
90%
50%
50%
VIN
VOUT
tOFF
tON
GND
VS
Test Circuit 4. Switching Times
REV. A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com