Electronic Components Datasheet Search
  English  ▼

X  

HMP8156 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMP8156
Description  NTSC/PAL Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8156 Datasheet(HTML) 1 Page - Intersil Corporation

  HMP8156 Datasheet HTML 1Page - Intersil Corporation HMP8156 Datasheet HTML 2Page - Intersil Corporation HMP8156 Datasheet HTML 3Page - Intersil Corporation HMP8156 Datasheet HTML 4Page - Intersil Corporation HMP8156 Datasheet HTML 5Page - Intersil Corporation HMP8156 Datasheet HTML 6Page - Intersil Corporation HMP8156 Datasheet HTML 7Page - Intersil Corporation HMP8156 Datasheet HTML 8Page - Intersil Corporation HMP8156 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
August 1997
HMP8156
NTSC/PAL Encoder
Features
• (M) NTSC and (B, D, G, H, I, M, N, CN) PAL Operation
• ITU-R BT.601 and Square Pixel Operation
• Digital Input Formats
- 4:2:2 YCbCr
- 8-Bit or 16-Bit
- 4:4:4 RGB
- 16-Bit (5, 6, 5) or 24-Bit (8, 8, 8)
- Linear or Gamma-Corrected
- 8-Bit Parallel ITU-R BT.656
- Seven Overlay Colors
• Analog Output Formats
- Y/C + Two Composite
- RGB + Composite (SCART)
• Flexible Video Timing Control
- Timing Master or Slave
- Selectable Polarity on Each Control Signal
- Programmable Blank Output Timing
- Field Output
• Closed Caption Encoding for NTSC and PAL
• 2x Upscaling of SIF Video
• Four 2x Oversampling, 10-Bit DACs
•I2C Interface
• Verilog Models Available . . . . . . . . . . . . . . . . . . . . . . . . .
Applications
• Multimedia PCs
• Video Conferencing
• Video Editing
• Related Products
- NTSC/PAL Encoders: HMP8154
- NTSC/PAL Decoders: HMP8112A, HMP8115
Description
The HMP8156 NTSC and PAL encoder is designed for use
in systems requiring the generation of high-quality NTSC
and PAL video from digital image data.
YCbCr or RGB digital video data drive the P0-P23 inputs.
Overlay inputs are processed and the data is 2x upsampled.
The Y data is optionally lowpass filtered to 5MHz and drives
the Y analog output. Cb and Cr are each lowpass filtered to
1.3MHz, quadrature modulated, and summed. The result
drives the C analog output. The digital Y and C data are also
added together and drive the two composite analog outputs.
The YCbCr data may also be converted to RGB data to drive
the DACs, allowing support for the European SCART con-
nector.
The DACs can drive doubly-terminated (37.5
Ω) lines, and
run at a 2x oversampling rate to simplify the analog output
filter requirements.
Table of Contents
Page
Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . 2
Functional Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Pixel Data Input Formats . . . . . . . . . . . . . . . . . . . . . . . . . 3
Input Processing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Pixel Input and Control Signal Timing. . . . . . . . . . . . . . . . 5
Video Timing Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Video Processing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Analog Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Host Interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Applications Information . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Evaluation Kits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HMP8156CN
0 to 70
64 PQFP
Q64.14x14
HMP8156EVAL1
Daughter Card Evaluation Platform (Note)
HMP8156EVAL2
Frame Grabber Evaluation Platform (Note)
NOTE: Described in the Applications Section
File Number
4269.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HMP8156

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
HMP8156A INTERSIL-HMP8156A Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
logo
Renesas Technology Corp
HMP8156A RENESAS-HMP8156A Datasheet
1Mb / 34P
NTSC/PAL Encoders
logo
Intersil Corporation
HMP8156ACN INTERSIL-HMP8156ACN Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
HMP8156ACN INTERSIL-HMP8156ACN Datasheet
579Kb / 34P
NTSC/PAL Encoders
August 20, 2009
More results

Similar Description - HMP8156

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com