Electronic Components Datasheet Search
  English  ▼

X  

ADG758 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG758
Description  4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices ADG758 Datasheet HTML 10Page - Analog Devices ADG758 Datasheet HTML 11Page - Analog Devices ADG758 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG758/ADG759
–9–
REV.
FREQUENCY – Hz
0
30k
–20
–40
–60
–80
–100
–120
100k
1M
10M
100M
VDD = 5V
TA = 25 C
TPC 13. Crosstalk vs. Frequency
FREQUENCY – Hz
0
30k
–5
100k
1M
10M
100M
–10
–15
–20
VDD = 5V
TA = 25 C
TPC 14. ON Response vs. Frequency
VOLTAGE – V
–3
–2
20
–1
1
2
5
TA = 25 C
10
0
–10
–20
–40
3
–30
04
VDD = 3V
VSS = 0V
VDD = +2.5V
VSS = –2.5V
VDD = 5V
VSS = 0V
TPC 15. Charge Injection vs. Source Voltage
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com