Electronic Components Datasheet Search
  English  ▼

X  

ADG784 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG784
Description  CMOS 3 V/5 V, Wide Bandwidth Quad
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG784 Datasheet(HTML) 5 Page - Analog Devices

  ADG784 Datasheet HTML 1Page - Analog Devices ADG784 Datasheet HTML 2Page - Analog Devices ADG784 Datasheet HTML 3Page - Analog Devices ADG784 Datasheet HTML 4Page - Analog Devices ADG784 Datasheet HTML 5Page - Analog Devices ADG784 Datasheet HTML 6Page - Analog Devices ADG784 Datasheet HTML 7Page - Analog Devices ADG784 Datasheet HTML 8Page - Analog Devices ADG784 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TA = 25 C
VS OR VD DRAIN OR SOURCE VOLTAGE – V
1.3
2.5
3.7
4.9
5.0
4.5
0
2.0
1.5
1.0
0.5
3.0
2.5
3.5
4.0
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.0V
TPC 1. On Resistance as a Function of VD (VS) for
Various Single Supplies
VDD = 5V
3.0
0
1.5
1.0
0.5
2.0
2.5
VS OR VO DRAIN OR SOURCE VOLTAGE – V
1.3
2.5
3.7
4.9
+85 C
+25 C
–40 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures with 5 V Single Supplies
+85 C
+25 C
–40 C
4.5
0
2.0
1.5
1.0
3.0
2.5
3.5
4.0
0.5
VDD = 3V
VS OR VD DRAIN OR SOURCE VOLTAGE – V
0.6
1.1
1.6
2.1
2.6
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures with 3 V Single Supplies
VDD = 5V
FREQUENCY – Hz
0
10M
10k
–4
–2
100k
1M
100M
–6
TPC 4. On Response vs. Frequency
FREQUENCY – Hz
0
–10
–100
100k
1G
1M
10M
100M
–40
–70
–80
–90
–20
–30
–60
–50
VDD = 5V
RL = 100
TPC 5. Off Isolation vs. Frequency
FREQUENCY – Hz
0
–10
–100
100k
1G
1M
10M
100M
–40
–70
–80
–90
–20
–30
–60
–50
VDD = 5V
RL = 100
V P-P = 0.316V
TPC 6. Crosstalk vs. Frequency
Typical Performance Characteristics–ADG784
–5–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com