Electronic Components Datasheet Search
  English  ▼

X  

ADG787 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG787
Description  Dual 2:1 Mux/Demux USB 1.1 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG787_15 Datasheet HTML 8Page - Analog Devices ADG787_15 Datasheet HTML 9Page - Analog Devices ADG787_15 Datasheet HTML 10Page - Analog Devices ADG787_15 Datasheet HTML 11Page - Analog Devices ADG787_15 Datasheet HTML 12Page - Analog Devices ADG787_15 Datasheet HTML 13Page - Analog Devices ADG787_15 Datasheet HTML 14Page - Analog Devices ADG787_15 Datasheet HTML 15Page - Analog Devices ADG787_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG787
Rev. A | Page 13 of 16
TERMINOLOGY
IDD
Positive supply current.
VD (VS)
Analog voltage on Terminal D and Terminal S.
RON
Ohmic resistance between D and S.
RFLAT (ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured.
ΔRON
On resistance match between any two channels.
IS (OFF)
Source leakage current with the switch off.
ID (OFF)
Drain leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (OFF)
Off switch source capacitance. Measured with reference to
ground.
CD (OFF)
Off switch drain capacitance. Measured with reference to
ground.
CD, CS (ON)
On switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tON
Delay time between the 50% and the 90% points of the digital
input and switch on condition.
tOFF
Delay time between the 50% and the 90% points of the digital
input and switch off condition.
tBBM
On or off time measured between the 80% points of both
switches when switching from one to another.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during on-off switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Crosstalk
A measure of unwanted signal that is coupled from one channel
to another as a result of parasitic capacitance.
−3 dB Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
The ratio of the harmonic amplitudes plus noise of a signal, to
the fundamental.
TSKEW
The measure of the variation in propagation delay between each
channel.
Rise Time Delay
The rise time of a signal is a measure of the time for the signal
to rise from 10% of the ON level to 90% of the ON level. Rise
time delay is the difference between the rise time, measured at
the input, and the rise time, measured at the output.
Fall Time Delay
The fall time of a signal is a measure of the time for the signal to
fall from 90% of the ON level to 10% of the ON level. Fall time
delay is the difference between the fall time, measured at the
input, and the fall time, measured at the output.
Rise-Time-to-Fall-Time Mismatch
This is the absolute value between the variation in the fall time
and the rise time, measured at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com