Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSS87
Description  N-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSS87 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BSS87 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSS87 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
BSS87 (KSS87)
■
Features
●
VDS (V) = 200V
●
ID = 0.28 A (VGS = 10V)
●
RDS(ON) < 6Ω (VGS = 10V)
●
High-speed switching
●
No secondary breakdown.
1.70 0.1
0.42 0.1
0.46 0.1
1.Gate
2.Drain
3.Source
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
200
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
ID
0.28
Pulsed Drain Current
IDM
1.1
Power Dissipation
PD
1
W
Thermal Resistance.Junction- to-Ambient
RthJA
125
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65 to 150
V
A
℃
■
Electrical Characteristics Ta = 25℃
s
d
g
■
Marking
Marking
KA
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
200
V
VDS=60V, VGS=0V
0.2
VDS=200V, VGS=0V
60
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=1mA
0.8
2.8
V
Static Drain-Source On-Resistance
RDS(On)
VGS=10V, ID=0.4A
6
Ω
Forward Transconductance
gFS
VDS=25V, ID=0.4A
350
mS
Input Capacitance
Ciss
60
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
10
Turn-On DelayTime
td(on)
10
Turn-Off DelayTime
td(off)
25
ns
Zero Gate Voltage Drain Current
IDSS
uA
VGS=0 to 10V, VDS=50V, ID=250mA
VGS=0V, VDS=25V
pF


Similar Part No. - BSS87

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS87 PHILIPS-BSS87 Datasheet
54Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Siemens Semiconductor G...
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Infineon Technologies A...
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSS87 INFINEON-BSS87 Datasheet
12Mb / 8P
SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-01-27
BSS87 INFINEON-BSS87 Datasheet
439Kb / 9P
SIPMOSSmall-Signal-Transistor
2016-05-30
More results

Similar Description - BSS87

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com