Electronic Components Datasheet Search
  English  ▼

X  

IRF7413 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF7413
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF7413 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF7413 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF7413 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF7413 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF7413 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF7413 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF7413 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
IRF7413 (KRF7413)
■
Features
●
VDS (V) = 30V
●
ID = 12 A (VGS = 10V)
●
RDS(ON) < 11mΩ (VGS = 10V)
1 Source
2 Source
3 Source
4 Gate
5 Drain
6 Drain
7 Drain
8 Drain
SOP-8
1.50 0.15
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
S
S
■
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
30
VGS
±
20
TA=25℃
12
TA=70℃
9.6
IDM
96
Power Dissipation
*2
TA=25℃
PD
2.5
W
Linear Derating Factor
0.02
W/℃
Single Pulse Avalanche Energy *3
EAS
120
mJ
Avalanche Current *1
IAR
7.2
A
dv/dt
1
V/ns
RthJA
50
RthJL
20
TJ
150
Tstg
-55 to 150
Peak Diode Recovery dv/dt
*4
V
A
Pulsed Drain Current *1
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Junction Temperature
Storage Temperature Range
℃
/W
℃
Thermal Resistance.Junction- to-Ambient *2
Thermal Resistance.Junction- to-Lead
*1:Repetitive rating; pulse width limited by max. junction temperature.
*2: When mounted on 1 inch square copper board
*3: Starting TJ = 25°C, L = 4.4mH RG = 25Ω, IAS = 7.2A.
*4: ISD ≤ 7.2A, di/dt ≤ 120A/μs, VDD ≤ V(BR)DSS, TJ ≤ 150°C


Similar Part No. - IRF7413

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
logo
Guangdong Youtai Semico...
IRF7413 UMW-IRF7413 Datasheet
422Kb / 8P
Generation VTechnology
logo
EVER SEMICONDUCTOR CO.,...
IRF7413 EVVOSEMI-IRF7413 Datasheet
394Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7413GPBF IRF-IRF7413GPBF Datasheet
264Kb / 9P
Ultra Low On-Resistance
More results

Similar Description - IRF7413

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com