Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRLML2402
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRLML2402 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  IRLML2402 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRLML2402 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
IRLML2402 (KRlML2402)
■
Features
●
VDS (V) = 20V
●
ID = 1.2 A( VGS = 4.5V)
●
RDS(ON) < 250mΩ (VGS = 4.5V)
●
RDS(ON) < 350mΩ (VGS = 2.7V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
20
VGS
±
12
TA=25℃
1.2
TA=70℃
0.95
IDM
7.4
Power Dissipation
TA=25℃
PD
540
mW
4.3
mW/℃
dv/dt
5
V/ns
RthJA
230
℃
/W
TJ
150
Tstg
-55 to 150
Junction Temperature
Storage Temperature Range
℃
Thermal Resistance.Junction- to-Ambient
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Linear Deraing Factor
Peak Diode Recovery dv/dt
(Note.1)
V
A
Pulsed Drain Current
S
D
G
1. Gate
2. Source
3. Drain
Note.1: ISD ≤
≤
≤
≤


Similar Part No. - IRLML2402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2402 IRF-IRLML2402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
202Kb / 8P
HEXFET POWER MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
210Kb / 8P
HEXFET POWER MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRLML2402 EVVOSEMI-IRLML2402 Datasheet
448Kb / 7P
N−Channel MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
IRLML2402-3 KEXIN-IRLML2402-3 Datasheet
2Mb / 5P
N-Channel MOSFET
More results

Similar Description - IRLML2402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com