Electronic Components Datasheet Search
  English  ▼

X  

PLC497 Datasheet(PDF) 1 Page - Protek Devices

Part # PLC497
Description  ULTRA LOW CAPACITANCE STEERING DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC497 Datasheet(HTML) 1 Page - Protek Devices

  PLC497 Datasheet HTML 1Page - Protek Devices PLC497 Datasheet HTML 2Page - Protek Devices PLC497 Datasheet HTML 3Page - Protek Devices PLC497 Datasheet HTML 4Page - Protek Devices PLC497 Datasheet HTML 5Page - Protek Devices PLC497 Datasheet HTML 6Page - Protek Devices PLC497 Datasheet HTML 7Page - Protek Devices PLC497 Datasheet HTML 8Page - Protek Devices PLC497 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05100.R9 9/12
Page 1
PLC497
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
DESCRIPTION
The PLC497 is an ultra low capacitance steering diode/TVS array. Designed for protection against Electrostatic Dis-
charge (ESD), Electrical Fast Transients (EFT) and secondary lightning threats, this device is ideal for use in high-speed
signal interface applications.
The PLC497 is available in the small SOT-23 package, which reduces internal lead inductance for low overshoot voltage
during fast front time transient events like ESD. This device meets the IEC 61000-4-2 and IEC 61000-4-4 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 20A, 8/20µs - Level 2(Line-
Ground) & Level 3(Line-Line)
• ESD Protection > 25 kilovolts
• 200 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage < 5 Volts
• Ultra Low Capacitance: 2.5pF
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• Low Voltage Wireless Equipment
• Sensor & Control Circuits
• Ethernet 10/100/1000 Base T
• FireWire Interfaces/Connections
PIN CONFIGURATION
SOT-23 PACKAGE
2
3
1


Similar Part No. - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
72Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
PLC497 PROTEC-PLC497_07 Datasheet
72Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
More results

Similar Description - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524P PROTEC-PLR0524P_15 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR3304 PROTEC-PLR3304_15 Datasheet
507Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE
PAM13ST2305 PROTEC-PAM13ST2305_15 Datasheet
678Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0504F PROTEC-PLR0504F_15 Datasheet
526Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0506 PROTEC-PLR0506_15 Datasheet
475Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE
DSL03-24 PROTEC-DSL03-24 Datasheet
596Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com